Electronic Components Datasheet Search
  English  ▼

X  

8421 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 8421
Description  AXL E EIP DI16 M12 6M
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

8421 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  8421 Datasheet HTML 1Page - PHOENIX CONTACT 8421 Datasheet HTML 2Page - PHOENIX CONTACT 8421 Datasheet HTML 3Page - PHOENIX CONTACT 8421 Datasheet HTML 4Page - PHOENIX CONTACT 8421 Datasheet HTML 5Page - PHOENIX CONTACT 8421 Datasheet HTML 6Page - PHOENIX CONTACT 8421 Datasheet HTML 7Page - PHOENIX CONTACT 8421 Datasheet HTML 8Page - PHOENIX CONTACT 8421 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
1Description
Axioline E EtherNet/IP™ device,
metal housing, 16 inputs, 24 V DC,
M12 fast connection technology
AXL E EIP DI16 M12 6M
© PHOENIX CONTACT
Data sheet
The Axioline E device is designed for use within an
EtherNet/IP™ network.
It is used to acquire digital signals.
The device is designed for use in systems manufacturing.
It is suitable for use without a control cabinet under harsh in-
dustrial conditions.
The Axioline E device can be used on tool platforms, directly
on welding robots or in conveying technology, for example.
EtherNet/IP™ features
–
2 Ethernet ports (with integrated switch)
–
Minimum cycle time of 1 ms (RPI)
–
Supported protocols: ACD, DLR, IGMP v2
SNMP v1, HTTP, TFTP, FTP, BootP, DHCP
–
Specification: CIP Edition 3.11;
EIP adaptation of CIP 1.12
–
Device description using EDS file
–Firmware can be updated
–
Integrated web server for web-based management
Axioline E features
–
Connection to EtherNet/IP™ network
using M12 connectors (D-coded)
–
Transmission speed of 10 Mbps and 100 Mbps
–
Connection of digital sensors
to M12 connectors (A-coded)
–
Diagnostic and status indicators
–
Short-circuit and overload protection
of the sensor supply
–
IP65/67 degree of protection
This data sheet is only valid in association with the associated user manual.
Make sure you always use the latest documentation.
It can be downloaded from the product at phoenixcontact.net/products.
8421_en_01
2015-09-24


Similar Part No. - 8421

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8421 FILTRAN-8421 Datasheet
103Kb / 1P
CHOKE Current Compensated Chokes
logo
Keystone Electronics Co...
8421 KEYSTONE-8421 Datasheet
310Kb / 1P
MALE/FEMALE THREADED STANDOFFS
logo
Mascot AS
8421 MASCOT-8421 Datasheet
1Mb / 1P
Mounting brackets
20062008
logo
ASM GmbH
8421-51 ASM-SENSOR-8421-51 Datasheet
1Mb / 8P
MEMORY HiLOGGER
logo
Integrated Device Techn...
8421002I-01 IDT-8421002I-01 Datasheet
173Kb / 15P
FemtoClock Crystal-to-HSTL Frequency Synthesizer
More results

Similar Description - 8421

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2701493 PHOENIX-2701493 Datasheet
327Kb / 26P
AXL E EIP DI16 M12 6P
8420 PHOENIX-8420 Datasheet
336Kb / 28P
AXL E EIP DI8 DO8 M12 6M
8422 PHOENIX-8422 Datasheet
342Kb / 28P
AXL E EIP DIO16 M12 6M
8423 PHOENIX-8423 Datasheet
340Kb / 28P
AXL E EIP DI8 DO4 2A M12 6M
8431 PHOENIX-8431 Datasheet
282Kb / 15P
AXL E PB DI16 M12 6M
8442 PHOENIX-8442 Datasheet
298Kb / 17P
AXL E PN DI16 M12 6M
8536 PHOENIX-8536 Datasheet
324Kb / 23P
AXL E EC DI16 M12 6M
8546 PHOENIX-8546 Datasheet
300Kb / 18P
AXL E ETH DI16 M12 6M
8556 PHOENIX-8556 Datasheet
315Kb / 22P
AXL E S3 DI16 M12 6M
2701516 PHOENIX-2701516 Datasheet
1Mb / 32P
Digital module - AXL E PN DI16 M12 6M
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com