Electronic Components Datasheet Search
  English  ▼

X  

8421 Datasheet(PDF) 23 Page - PHOENIX CONTACT

Part # 8421
Description  AXL E EIP DI16 M12 6M
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

8421 Datasheet(HTML) 23 Page - PHOENIX CONTACT

Back Button 8421 Datasheet HTML 18Page - PHOENIX CONTACT 8421 Datasheet HTML 19Page - PHOENIX CONTACT 8421 Datasheet HTML 20Page - PHOENIX CONTACT 8421 Datasheet HTML 21Page - PHOENIX CONTACT 8421 Datasheet HTML 22Page - PHOENIX CONTACT 8421 Datasheet HTML 23Page - PHOENIX CONTACT 8421 Datasheet HTML 24Page - PHOENIX CONTACT 8421 Datasheet HTML 25Page - PHOENIX CONTACT 8421 Datasheet HTML 26Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
AXL E EIP DI16 M12 6M
8421_en_02
PHOENIX CONTACT
23
11.10
Ethernet link object (class code F6
hex)
Class attributes
Instance attributes
Common services
Attribute
Name
Access
Data type
Description
1Version
Get
UINT
3
2
Max instance
Get
UINT
10
3
Number of instances
Get
UINT
2
Attribute
Name
Access
Data type
Description
1
Interface speed
Get
UDINT
Interface speed currently in use. Speed in bps (e.g. 10, 100)
2
Interface flags
Get
DWORD
Bit 0
Link status
Bit 1
Half/Full duplex status
0 = Half duplex; 1 = Full duplex
Bit 2 ... Bit 4
Auto negotiation status
0 = Auto negotiation in progress
1 = Auto negotiation and speed detection failed
2 = Auto negotiation failed but detected speed
3 = Successfully negotiated
4 = Auto negotiation not attempted
Bit 5
Not supported
Bit 6
Not supported
3
Physical address
Get
ARRAY of
6 USINTs
MAC layer adress
6
Interface control
Set
STRUC of:
Configuration for physical interface
Control bits
WORD
Interface control bits
Bit 0
Auto-negotiate (set)
0 = Auto negotiation disabled
1 = Auto negotiation enabled
Bit 1
Forced duplex mode (set)
0 = Half duplex ;1 = Full duplex
Set only if auto negotiation is disabled
Bit 2 ... Bit 15
Reserved, shall be set to 0
Forced interface
speed
UINT
The Forced interface speed bits indicate the speed at which the in-
terface shall operate.
10 = 10 Mbps
100 = 100 Mbps
Set only if auto negotiation is disabled
10
Interface lable
Get
STRING
Interface name
Service code
Class
Instance
Service name
dec
hex
1
01
Yes
No
Get_Attribute_All
14
0E
Yes
Yes
Get_Attribute_Single



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com