Electronic Components Datasheet Search
  English  ▼

X  

8421 Datasheet(PDF) 16 Page - PHOENIX CONTACT

Part # 8421
Description  AXL E EIP DI16 M12 6M
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

8421 Datasheet(HTML) 16 Page - PHOENIX CONTACT

Back Button 8421 Datasheet HTML 12Page - PHOENIX CONTACT 8421 Datasheet HTML 13Page - PHOENIX CONTACT 8421 Datasheet HTML 14Page - PHOENIX CONTACT 8421 Datasheet HTML 15Page - PHOENIX CONTACT 8421 Datasheet HTML 16Page - PHOENIX CONTACT 8421 Datasheet HTML 17Page - PHOENIX CONTACT 8421 Datasheet HTML 18Page - PHOENIX CONTACT 8421 Datasheet HTML 19Page - PHOENIX CONTACT 8421 Datasheet HTML 20Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
AXL E EIP DI16 M12 6M
8421_en_02
PHOENIX CONTACT
16
11.3
Identity object (class code 01
hex)
The Identity object is required by all devices and provides the device ID and general information about the device.
Class attributes
Instance attributes
Common services
Attribute
Name
Access
Data type
Value
1Version
Get
UINT
1
2
Max instance
Get
UINT
1
6
Max class attribute
Get
UINT
7
7
Max instance attribute
Get
UINT
10
Attribute
Name
Access
Data type
Value
1Vendor ID
Get
UINT
562
2
Device type
Get
UINT
General purpose discrete I/O
3
Product code
Get
UINT
8174
4
Revision
Get
STRUC of:
1
Major revision
USINT
1
Minor revision
USINT
1
5
Status
Get
WORD
Bit 0
Owned
Bit 1
Reserved
Bit 2
Configured
Bit 3
Reserved
Bit 4 ... Bit 7
Extended device status
Bit 8
Minor recoverable fault
Bit 9
Minor unrecoverable fault
Bit 10
Major recoverable fault
Bit 11
Major unrecoverable fault
Bit 12 ... Bit 15
Extended device status 2
6
Serial number
Get
UDINT
Is fixed in production process
7
Product name
Get
STRING
AXL E EIP DI16 M12 6M
8
State
Get
USINT
0 = Nonexistent
1 = Device self testing
2 = Standby
3 = Operational
4 = Major recoverable fault
5 = Major unrecoverable fault
6 ... 254 = Reserved
255 = Default for Get_ Attribute_All service
9
Configuration consistency value
Get
USINT
CRC checksum
Service code
Class
Instance
Service name
dec
hex
01
01
Yes
Yes
Get_Attribute_All
05
05
No
Yes
Reset
14
0E
Yes
Yes
Get_Attribute_Single
16
10
No
Yes
Set_Attribute_Single



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com