Electronic Components Datasheet Search
  English  ▼

X  

8421 Datasheet(PDF) 26 Page - PHOENIX CONTACT

Part # 8421
Description  AXL E EIP DI16 M12 6M
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

8421 Datasheet(HTML) 26 Page - PHOENIX CONTACT

Back Button 8421 Datasheet HTML 18Page - PHOENIX CONTACT 8421 Datasheet HTML 19Page - PHOENIX CONTACT 8421 Datasheet HTML 20Page - PHOENIX CONTACT 8421 Datasheet HTML 21Page - PHOENIX CONTACT 8421 Datasheet HTML 22Page - PHOENIX CONTACT 8421 Datasheet HTML 23Page - PHOENIX CONTACT 8421 Datasheet HTML 24Page - PHOENIX CONTACT 8421 Datasheet HTML 25Page - PHOENIX CONTACT 8421 Datasheet HTML 26Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 26 / 26 page
background image
AXL E EIP DI16 M12 6M
8421_en_02
26
PHOENIX CONTACT GmbH & Co. KG • 32823 Blomberg • Germany
phoenixcontact.com
14
SNMP - Simple Network Manage-
ment Protocol
The device supports SNMP v1.
Management Information Base - MIB
For the object descriptions, please refer to the ASN1 de-
scriptions for this product.
The password for read access is “public” and cannot be
changed.
By default upon delivery, the password for write/read access
is “private” and can be modified at any time.
15
DLR - Device Level Ring
The device supports DLR.
DLR is a protocol that works on Layer 2 for multi-port-Ether-
Net/IP™ devices.
The use of DLR is transparent for the protocols which work
on higher levels such as TCP/IP.
DLR increases the network availability, thanks to a redun-
dant ring topology with a switch-over time of less than 3 ms
for error detection and reconfiguration.
The DLR protocol supports the 1-ring topology; multiple
rings or overlapping rings are not possible.
16
WBM - Web-based management
The device has a web server, which generates the required
pages for web-based management and, depending on the
requirements of the user, sends them to a standard web
browser. Web-based management can be used to access
static information (e.g., technical data, MAC address) or dy-
namic information (e.g., IP address, status information).
Calling web-based management
The device web server can be addressed using the IP ad-
dress if configured accordingly. The homepage (web page)
of the device is accessed by entering the URL “http://ip-ad-
dress”.
Example: http://172.16.113.38
The default user name is “admin”, the default password is
“private”.
17
Firmware update
In order to update the firmware of the device, the device
must be provided with a firmware container via a TFTP
server or it must be loaded onto the device via FTP. Any FTP
client or TFTP server can be used for this. The update must
always be initiated by the web-based management. When
carrying out the firmware update, the RDY LED flashes yel-
low.
18
Quick Connect
The device supports Quick Connect Class A.
After switching on the mains voltage, it is ready to operate in
under 350 ms in order to process a connection request.
A cyclic process data connection can be established in
under 500 ms.
19
Connection types
The device supports the connection types Exclusive Owner,
Input Only, and Listen Only.
–
Exclusive Owner and Input Only can be configured by
the scanner as a Multicast or Point to Point connection
in the Target to Originator direction.
–
Listen Only connections can only be used as Multicast.
In the case of the AXL E Ethernet/IP™ device, the data is
transmitted to the scanner with a connection.
20
Device description (EDS)
In the case of EtherNet/IP™, a device description file (EDS)
is required for various configuration tools.
For each Axioline E EtherNet/IP™ device, an individual spe-
cific EDS file is provided.
The corresponding latest MIBs are available
on the Internet at phoenixcontact.net/prod-
ucts.
If you cannot access the WBM pages, check
the connection settings in your browser and
deactivate the proxy, if set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com