Electronic Components Datasheet Search
  English  ▼

X  

8421 Datasheet(PDF) 11 Page - PHOENIX CONTACT

Part # 8421
Description  AXL E EIP DI16 M12 6M
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

8421 Datasheet(HTML) 11 Page - PHOENIX CONTACT

Back Button 8421 Datasheet HTML 7Page - PHOENIX CONTACT 8421 Datasheet HTML 8Page - PHOENIX CONTACT 8421 Datasheet HTML 9Page - PHOENIX CONTACT 8421 Datasheet HTML 10Page - PHOENIX CONTACT 8421 Datasheet HTML 11Page - PHOENIX CONTACT 8421 Datasheet HTML 12Page - PHOENIX CONTACT 8421 Datasheet HTML 13Page - PHOENIX CONTACT 8421 Datasheet HTML 14Page - PHOENIX CONTACT 8421 Datasheet HTML 15Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
AXL E EIP DI16 M12 6M
8421_en_02
PHOENIX CONTACT
11
9
Configuration via rotary encoding switch
You can configure the address assignment and other func-
tions using rotary encoding switches.
After modifying the switch position, restart the device, as the
modification to the switch position does not take effect dur-
ing operation.
Figure 8
Rotary encoding switch
The code results from the sum of S1 x 10 plus S2 x 1. The
image shows code 77 (7 x 10 + 7).
9.1
Remote access
Switch position 00
At this switch position, it is possible to remotely configure the
device using corresponding tools (e.g.,  Startup+, web-
based management (WBM)).
Behavior during initial startup, after resetting the IP
parameters or after resetting to default settings
A valid IP address is not assigned (0.0.0.0) and communica-
tion is therefore not possible.
The device transmits continuous BootP requests (2 s, 4 s,
8 s, 2 s ...), until a valid IP address has been received.
Valid IP parameters are then automatically saved as config-
uration data on the device.
Each additional startup
If BootP is not explicitly deactivated, the device transmits
continuous BootP requests (2 s, 4 s, 8 s, 2 s, etc.), until a
valid IP address has been received.
Valid IP parameters are then automatically saved as config-
uration data on the device.
9.2
Manual address assignment
Switch position 01 ... 50
Default: BootP deactivated, DHCP activated
The first three octets in the IP address are preset as
192.168.0.x.
The subnet mask is 255.255.255.0.
Specify the last byte with the switch position.
As such, you can select IP addresses between 192.168.0.1
and 192.168.0.50.
Prior to transferring the IP address, a test is performed to
check for any potential IP address conflicts. If a conflict is
detected, the device temporarily switches the IP address to
0.0.0.0 (no IP communication). In this case, the NET LED
flashes red. Eliminate the conflict and restart the device.
9.3
DHCP name assignment
Switch position 51 ... 159
This switch position is used to easily specify the DHCP host
name for the device.
The host name is provided to the DHCP server via DHCP
options. This is therefore able to send a DNS update to the
DNS server.
The DNS name consists of one set part, which is based on
the order designation, and a variable part, which is deter-
mined by the switch position.
The first part of the station name is AXL-E-EIP-.
The set number is added.
This results in the following station names: AXL-E-EIP-051
... AXL-E-EIP-159.
Behavior during initial startup, after resetting the IP
parameters or after resetting to default settings
A valid IP address is not assigned (0.0.0.0) and communica-
tion is therefore not possible.
The device transmits continuous DHCP discover messages
until a valid IP address has been received.
S1
S2
Code
Function
0
0
00
Remote access (default)
0 ... 5
1 ... 0
01 ... 50
Manual address assignment
5 ... 15
0 ... 9
51 ... 159
DHCP name assignment
0
A
0A
Fixed address
0
E
0E
Resetting IP parameters
0
F
0F
Resetting to the default set-
tings
Other
Reserved
0
2
4
6
8
9
A
B
C
D
E F
S2
x1
0
2
4
6
8
10
12
14
S1
x10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com