Electronic Components Datasheet Search
  English  ▼

X  

SSM2529 Datasheet(PDF) 34 Page - Analog Devices

Part # SSM2529
Description  Digital Input, Mono 2 W, Class-D Audio Power Amplifier
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2529 Datasheet(HTML) 34 Page - Analog Devices

Back Button SSM2529 Datasheet HTML 30Page - Analog Devices SSM2529 Datasheet HTML 31Page - Analog Devices SSM2529 Datasheet HTML 32Page - Analog Devices SSM2529 Datasheet HTML 33Page - Analog Devices SSM2529 Datasheet HTML 34Page - Analog Devices SSM2529 Datasheet HTML 35Page - Analog Devices SSM2529 Datasheet HTML 36Page - Analog Devices SSM2529 Datasheet HTML 37Page - Analog Devices SSM2529 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 52 page
background image
SSM2529
Data Sheet
Rev. 0 | Page 34 of 52
FAULT_CTRL1 REGISTER
Table 63. Address: 0x0F, Reset: 0x00, Name: FAULT_CTRL1
Bits
Bit Name
Settings
Description
Reset
Access
[7:5]
Reserved
0x0
RW
4
PDB_LINE
Single end lineout enable
0x0
RW
0
Disabled
1
Enabled
3
PDB_ZC
Lineout calibration enable
0x0
RW
0
Disabled
1
Enabled
2
CLK_LOSS
Clock for DAC and Class-D lost
0x0
R
0
Normal operation
1
Loss of clock signal
1
OC
Right channel overcurrent fault
0x0
R
0
Normal operation
1
Right channel overcurrent fault
0
OT
Overtemperture fault status
0x0
R
0
Normal operation
1
Overtemperature fault
FAULT_CTRL2 REGISTER
Table 64. Address: 0x10, Reset: 0x4C, Name: FAULT_CTRL2
Bits
Bit Name
Settings
Description
Reset
Access
7
Reserved
0x0
RW
[6:5]
AR_TIME
Auto recovery time
0x2
RW
00
10 ms auto fault recovery delay
01
20 ms auto fault recovery delay
10
40 ms auto fault recovery delay
11
80 ms auto fault recovery delay
4
MRCV
Manual fault recovery
0x0
RW
1
Writing of 1 causes a manual fault recovery attempt when ARCV = 11
[3:2]
MAX_AR
Maximum fault recovery attempts
0x3
RW
00
1 auto recovery attempt
01
3 auto recovery attempts
10
7 auto recovery attempts
11
Unlimited auto recovery attempts
[1:0]
ARCV
Auto fault recovery control
0x0
RW
00
Auto fault recovery for overtemperature and overcurrent faults
01
Auto fault recovery for overtemperature fault only
10
Auto fault recovery for overcurrent fault only
11
No auto fault recovery
DEEMP_CTRL REGISTER
Table 65. Address: 0x14, Reset: 0x00, Name: DEEMP_CTRL
Bits
Bit Name
Settings
Description
Reset
Access
[7:3]
Reserved
0x00
RW
[2:1]
DEEMP_FS
De-emphasis sample rate selection
0x0
RW
00
Set coefficients to all zero
01
48 kHz
10
44.1 kHz
11
32 kHz
0
DEEMP_EN
De-emphasis enable
0x0
RW
1
De-emphasis filter enable
0
De-emphasis filter disable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com