Electronic Components Datasheet Search
  English  ▼

X  

SSM2529 Datasheet(PDF) 6 Page - Analog Devices

Part # SSM2529
Description  Digital Input, Mono 2 W, Class-D Audio Power Amplifier
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2529 Datasheet(HTML) 6 Page - Analog Devices

Back Button SSM2529 Datasheet HTML 2Page - Analog Devices SSM2529 Datasheet HTML 3Page - Analog Devices SSM2529 Datasheet HTML 4Page - Analog Devices SSM2529 Datasheet HTML 5Page - Analog Devices SSM2529 Datasheet HTML 6Page - Analog Devices SSM2529 Datasheet HTML 7Page - Analog Devices SSM2529 Datasheet HTML 8Page - Analog Devices SSM2529 Datasheet HTML 9Page - Analog Devices SSM2529 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 52 page
background image
SSM2529
Data Sheet
Rev. 0 | Page 6 of 52
POWER SUPPLY REQUIREMENTS
Table 2.
Parameter
Min
Typ
Max
Unit
SPKVDD
2.5
4.2
5.5
V
DVDD
1.08
1.8
1.98
V
DIGITAL INPUT/OUTPUT
Table 3.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
Input Voltage, High
V
IH
0.7 × DVDD
3.6
V
Input Voltage, Low
V
IL
−0.3
+0.3 × DVDD
V
Input Leakage Current, High
I
IH
Excluding MCLK
1
µA
Input Leakage Current, Low
I
IL
Excluding MCLK and bidirectional pins
1
µA
MCLK Input Leakage, High
I
IH
3
µA
MCLK Input Leakage, Low
I
IL
3
µA
Input Capacitance
5
pF
DIGITAL INTERPOLATION FILTER
Table 4.
Parameter
Mode
Factor
Min
Typ
Max
Unit
Pass Band (−3 dB)
48 kHz mode, typical at 48 kHz
0.423 f
S
20
kHz
Pass-Band Ripple
48 kHz mode, typical at 48 kHz
0.5 f
S
±0.03
dB
Transition Band
48 kHz mode, typical at 48 kHz
24
kHz
Stop Band
48 kHz mode, typical at 48 kHz
0.582 f
S
28
kHz
Stop Band Attenuation
48 kHz mode, typical at 48 kHz
60
dB
Group Delay
48 kHz mode, typical at 48 kHz
14/f
S
292
µs
DIGITAL TIMING
All timing specifications are given for the default setting (I2S mode) of the serial input port.
Table 5.
Limit
Parameter
T
MIN
T
MAX
Unit
Description
MASTER CLOCK (See Figure 2)
t
BP
74
136
ns
MCLK period, 256 f
S mode
t
BP
148
271
ns
MCLK period, 128 f
S mode
SERIAL PORT (See Figure 2)
t
BIL
40
ns
BCLK low pulse width
t
BIH
40
ns
BCLK high pulse width
t
LIS
10
ns
LRCLK setup; time to BCLK rising
t
LIH
10
ns
LRCLK hold; time from BCLK rising
t
SIS
10
ns
SDATA setup; time to BCLK rising
t
SIH
10
ns
SDATA hold; time from BCLK rising



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com