Electronic Components Datasheet Search
  English  ▼

X  

SSM2529 Datasheet(PDF) 17 Page - Analog Devices

Part # SSM2529
Description  Digital Input, Mono 2 W, Class-D Audio Power Amplifier
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2529 Datasheet(HTML) 17 Page - Analog Devices

Back Button SSM2529 Datasheet HTML 13Page - Analog Devices SSM2529 Datasheet HTML 14Page - Analog Devices SSM2529 Datasheet HTML 15Page - Analog Devices SSM2529 Datasheet HTML 16Page - Analog Devices SSM2529 Datasheet HTML 17Page - Analog Devices SSM2529 Datasheet HTML 18Page - Analog Devices SSM2529 Datasheet HTML 19Page - Analog Devices SSM2529 Datasheet HTML 20Page - Analog Devices SSM2529 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 52 page
background image
Data Sheet
SSM2529
Rev. 0 | Page 17 of 52
Figure 30. Low-Pass Shelving Filter Frequency Response Across Gain Settings
Figure 31. Peak Filter Frequency Response with Different Center Frequencies
Figure 32. Peak Filter Frequency Response Across Bandwidth Settings
Figure 33. Peak Filter Frequency Response Across Gain Settings
Figure 34. Notch Filter Response (A0 = +1982 to +2048, A1 = −2041 to +2048,
Bandwidth = 251 Hz, Center Frequency = 631 Hz)
Figure 35. Treble Band Frequency Response Across Bandwidth Settings
1k
100M
10M
1M
100k
10k
FREQUENCY (Hz)
15
–15
–10
–5
0
5
10
15
–15
–10
–5
0
5
10
1k
100M
10M
1M
100k
10k
FREQUENCY (Hz)
15
–15
–10
–5
0
5
10
1k
100M
10M
1M
100k
10k
FREQUENCY (Hz)
15
–15
–10
–5
0
5
10
1k
100M
10M
1M
100k
10k
FREQUENCY (Hz)
20
–60
–50
–40
–30
–20
–10
0
10
1k
100M
10M
1M
100k
10k
FREQUENCY (Hz)
15
–15
–10
–5
0
5
10
1k
100M
10M
1M
100k
10k
FREQUENCY (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com