Electronic Components Datasheet Search
  English  ▼

X  

SSM2529 Datasheet(PDF) 1 Page - Analog Devices

Part # SSM2529
Description  Digital Input, Mono 2 W, Class-D Audio Power Amplifier
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2529 Datasheet(HTML) 1 Page - Analog Devices

  SSM2529 Datasheet HTML 1Page - Analog Devices SSM2529 Datasheet HTML 2Page - Analog Devices SSM2529 Datasheet HTML 3Page - Analog Devices SSM2529 Datasheet HTML 4Page - Analog Devices SSM2529 Datasheet HTML 5Page - Analog Devices SSM2529 Datasheet HTML 6Page - Analog Devices SSM2529 Datasheet HTML 7Page - Analog Devices SSM2529 Datasheet HTML 8Page - Analog Devices SSM2529 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
Digital Input, Mono 2 W,
Class-D Audio Power Amplifier
Data Sheet
SSM2529
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2012 Analog Devices, Inc. All rights reserved.
FEATURES
Filterless mono, digital input Class-D amplifier
I2C control interface
Serial digital audio interface supports common formats
(I2S, PCM, LJ, RJ, TDM1-16, PDM)
Supports wide range of sample rates: 8.0 kHz to 96.0 kHz
MCLK and BCLK can be provided by built-in phase-locked
loop (PLL)
Supports single power supply mode; DVDD can be provided
by built-in low dropout (LDO) regulator
2.5 V to 5.5 V SPKVDD operating supply voltage
1.08 V to 1.98 V DVDD operating supply voltage
Support off-chip volume control without I2C
2.4W into 4 Ω and 1.4 W into 8 Ω at 5 V supply with <1% THD + N
Available in a 16-ball, 1.92 mm × 1.94 mm, 0.4 mm pitch WLCSP
Efficiency 95% at full scale into 8 Ω
Signal-to-noise ratio (SNR): 103 dB, A-weighted
Power supply rejection ratio (PSRR): >80 dB at 217 Hz
Digital volume control: −70 dB to +24 dB in 0.375 dB steps
Ultralow idle current
Autosample rate detection
Pop-and-click suppression
Short-circuit and thermal protection with programmable
autorecovery
Supports smart power-down when no input signal is detected
Power-on reset and UVLO voltage monitoring
Selectable ultralow EMI emission mode
Supports SPKVDD voltage monitor
Digital audio processing
7-band programmable equalizer
Programmable dynamic range compression (DRC) with
noise gate, expander, compressor, and limiter
APPLICATIONS
Mobile phones
Portable media players
Laptop PCs
Wireless speakers
Portable gaming
Navigation systems
GENERAL DESCRIPTION
The SSM2529 is a digital input, Class-D power amplifier that combines
a digital-to-analog converter (DAC), a low power audio specific
digital signal processor, and a sigma-delta (Σ-Δ) Class-D modulator.
This unique architecture enables extremely low real-world power
consumption from digital audio sources with excellent audio
performance. The SSM2529 is ideal for power sensitive applications,
such as mobile phones and portable media players, where system
noise can the corrupt small analog signals that are sent to an
analog input audio amplifier.
Using the SSM2529, audio data can be transmitted to the amplifier
over a standard digital audio serial interface, thereby significantly
reducing the effect of noise sources such as GSM interference or
other digital signals on the transmitted audio. The closed-loop
digital input design retains the benefits of an all-digital amplifier, yet
enables very good PSRR and audio performance. The three-level,
Σ-Δ Class-D modulator is designed to provide the least amount of
EMI, the lowest quiescent power dissipation, and the highest
audio efficiency without sacrificing audio quality.
The audio input is provided via a serial audio interface that can be
programmed to accept all common audio formats, including I2S,
TDM, and PDM. Control of the IC is provided via an I2C control
interface. An alternative to I2C control is standalone operation
mode, which allows several settings that are adjusted by off-chip
external resistors. The SSM2529 can accept a variety of input MCLK
frequencies and can use BCLK as the clock source in some
configurations. An integrated PLL can also provide the device
master clock.
The integrated DSP includes soft digital volume control circuits; a
de-emphasis, high-pass filter; a seven-band programmable equalizer;
and a programmable digital dynamic range compressor. In addition,
the part includes a feedforward speaker temperature prediction
module to protect the loudspeaker.
The SSM2529 supports single-supply mode, where DVDD is
provided by the on-chip LDO regulator, eliminating the need for an
external digital core supply.
The digital interface is very flexible and convenient. It can offer a
better system solution for other products whose sole audio source
is digital, such as wireless speakers, laptop PCs, portable digital
televisions, and navigation systems.
The SSM2529 is specified over the industrial temperature range of
−40°C to +85°C. It has built-in thermal shutdown and output short-
circuit protection. It is available in a 16-ball, 1.92 mm × 1.94 mm
wafer level chip scale package (WLCSP).


Similar Part No. - SSM2529

ManufacturerPart #DatasheetDescription
logo
Sensitron
SSM250UF-A SENSITRON-SSM250UF-A Datasheet
44Kb / 2P
HERMETIC ULTRAFAST DIODE
SSM250UF3A SENSITRON-SSM250UF3A Datasheet
44Kb / 2P
HERMETIC ULTRAFAST DIODE
logo
Analog Devices
SSM2517 AD-SSM2517 Datasheet
429Kb / 16P
PDM Digital Input, Mono 2.4 W Class-D Audio Amplifier
9/11-Rev. A to Rev. B
SSM2517CBZ-R7 AD-SSM2517CBZ-R7 Datasheet
429Kb / 16P
PDM Digital Input, Mono 2.4 W Class-D Audio Amplifier
9/11-Rev. A to Rev. B
SSM2517CBZ-RL AD-SSM2517CBZ-RL Datasheet
429Kb / 16P
PDM Digital Input, Mono 2.4 W Class-D Audio Amplifier
9/11-Rev. A to Rev. B
More results

Similar Description - SSM2529

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2000D1 TI-TPA2000D1 Datasheet
205Kb / 14P
2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
TPA2000D1 TI-TPA2000D1_06 Datasheet
267Kb / 20P
2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
TPA2000D1-Q1 TI-TPA2000D1-Q1 Datasheet
313Kb / 19P
2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
logo
Analog Devices
SSM2537ACBZ-RL AD-SSM2537ACBZ-RL Datasheet
331Kb / 16P
PDM Digital Input, Mono 2.7 W Class-D Audio Amplifier
REV. 0
logo
Texas Instruments
TPA2000D1 TI-TPA2000D1_15 Datasheet
807Kb / 24P
2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
TPA2000D1-Q1 TI-TPA2000D1-Q1_15 Datasheet
797Kb / 22P
2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
TAS5720L TI1-TAS5720L_16 Datasheet
1Mb / 52P
Digital Input Mono Class-D Audio Amplifier
logo
Analog Devices
SSM2518 AD-SSM2518_18 Datasheet
2Mb / 48P
Digital Input Stereo, 2 W, Class-D Audio Power Amplifier
1/2018-Rev. A to Rev. B
SSM2517 AD-SSM2517 Datasheet
429Kb / 16P
PDM Digital Input, Mono 2.4 W Class-D Audio Amplifier
9/11-Rev. A to Rev. B
SSM2519 AD-SSM2519 Datasheet
1Mb / 28P
Digital Input 2 W Class-D Audio Power Amplifier
7/12-Revision 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com