Electronic Components Datasheet Search
  English  ▼

X  

SSM2529 Datasheet(PDF) 20 Page - Analog Devices

Part # SSM2529
Description  Digital Input, Mono 2 W, Class-D Audio Power Amplifier
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2529 Datasheet(HTML) 20 Page - Analog Devices

Back Button SSM2529 Datasheet HTML 16Page - Analog Devices SSM2529 Datasheet HTML 17Page - Analog Devices SSM2529 Datasheet HTML 18Page - Analog Devices SSM2529 Datasheet HTML 19Page - Analog Devices SSM2529 Datasheet HTML 20Page - Analog Devices SSM2529 Datasheet HTML 21Page - Analog Devices SSM2529 Datasheet HTML 22Page - Analog Devices SSM2529 Datasheet HTML 23Page - Analog Devices SSM2529 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 52 page
background image
SSM2529
Data Sheet
Rev. 0 | Page 20 of 52
Table 23. DRC_CURVE1 Register
D7
D6
D5
D4
D3
D2
D1
D0
Reserved
DRC_LT[6:0]
Table 24. Bit Description of DRC_CURVE1 Register
Bit Name
Description
Settings
DRC_LT[6:0]
DRC limiter threshold
0000000: +6 dB
0000001: +5.5 dB
−0.5 dB step to
1010000: −35 dB
Table 25. DRC_CURVE2 Register
D7
D6
D5
D4
D3
D2
D1
D0
Reserved
DRC_CT[6:0]
Table 26. Bit Description of DRC_CURVE2 Register
Bit Name
Description
Settings
DRC_CT[6:0]
DRC compressor
threshold
0000000: +6 dB
0000001: +5.5 dB
−0.5 dB step to
1010000: −35 dB
Table 27. DRC_CURVE3 Register
D7
D6
D5
D4
D3
D2
D1
D0
Reserved
DRC_SMAX[6:0]
Table 28. Bit Description of DRC_CURVE3 Register
Bit Name
Description
Settings
DRC_SMAX[6:0]
DRC maximum output
signal amplitude
0000000: +6 dB
0000001: +5.5 dB
−0.5 dB step to
1010000: −35 dB
Table 29. DRC_CURVE4 Register
D7
D6
D5
D4
D3
D2
D1
D0
DRC_NT[3:0]
DRC_ET[3:0]
Table 30. Bit Description of DRC_CURVE4 Register
Bit Name
Description
Settings
DRC_NT[3:0]
DRC noise gating threshold
0000: −51 dB
0001: −54 dB
−3 dB step to
1111: −96 dB
DRC_ET[3:0]
DRC expander threshold
0000: −36 dB
0001: −39 dB
−3 dB step to
1111: −81 dB
Table 31. DRC_CURVE5 Register
D7
D6
D5
D4
D3
D2
D1
D0
Reserved
DRC_SMIN[3:0]
Table 32. Bit Description of DRC_CURVE5 Register
Bit Name
Description
Settings
DRC_SMIN[3:0]
DRC minimum output signal
level
0000: −51 dB
0001: −54 dB
−3 dB step to
1111: −96 dB
DRC Gain Smooth
Before the gain calculated by the static curve function multiplies
with the input signal, smooth it to ensure that it does not change
rapidly for this can lead to noise.
The gain smooth is affected by its attack and decay time
parameters. The attack time can vary from 0 ms to 1.536 sec,
while the decay time can vary from 0 ms to 24.576 sec. The
corresponding bits are DRC_ATT and DRC_DEC and can be
found in Register 0x58.
Table 33. DRC_CTRL3 Register
D7
D6
D5
D4
D3
D2
D1
D0
DRC_ATT[3:0]
DRC_DEC[3:0]
Table 34. Bit Description of DRC_CTRL3 Register
Bit Name
Description
Settings
DRC_ATT[3:0]
DRC attack time
0000: 0 ms
0001: 0.1 ms
0010: 0.19 ms
0011: 0.37 ms
0100: 0.75 ms
0101: 1.5 ms
0110: 3 ms
0111: 6 ms
…
1111: 1.536 sec
DRC_DEC[3:0]
DRC decay time
0000: 0 ms
0001: 1.5 ms
0010: 3 ms
0011: 6 ms
0100: 12 ms
…
1111: 24.576 sec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com