Electronic Components Datasheet Search
  English  ▼

X  

SSM2529 Datasheet(PDF) 24 Page - Analog Devices

Part # SSM2529
Description  Digital Input, Mono 2 W, Class-D Audio Power Amplifier
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2529 Datasheet(HTML) 24 Page - Analog Devices

Back Button SSM2529 Datasheet HTML 20Page - Analog Devices SSM2529 Datasheet HTML 21Page - Analog Devices SSM2529 Datasheet HTML 22Page - Analog Devices SSM2529 Datasheet HTML 23Page - Analog Devices SSM2529 Datasheet HTML 24Page - Analog Devices SSM2529 Datasheet HTML 25Page - Analog Devices SSM2529 Datasheet HTML 26Page - Analog Devices SSM2529 Datasheet HTML 27Page - Analog Devices SSM2529 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 52 page
background image
SSM2529
Data Sheet
Rev. 0 | Page 24 of 52
REGISTER SUMMARY
The SSM2529 contains eighteen 8-bit registers that can be accessed via the I2C port. See Table 46 for the control register mapping. The
register settings are described in detail in Table 47 through Table 159.
Table 46.
Hex Name
Bits Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset RW
00 PWR_CTRL
[7:0] SYS_RST
APWDN_ANA APWDN_EN
LP_MODE
MCS
SPWDN
0x23 RW
01 SYS_CTRL
[7:0] PDM_MODE
PDM_FS
PDB_ADC
BCLK_RATE
BCLK_GEN
EDGE
ASR
0x20 RW
02 SAI_FMT1
[7:0]
SDATA_FMT
SAI
SR
0x02 RW
03 SAI_FMT2
[7:0] LPST
LR_SEL
LRCLK_MODE LRCLK_POL
SAI_MSB
BCLK_TDMC BCLK_EDGE
0x00 RW
04 Channel mapping
control
[7:0]
CH_SEL_R
CH_SEL_L
0x10 RW
05 VOL_BF_FDSP
[7:0]
DIG_VOL
0x40 RW
06 VOL_AF_FDSP
[7:0]
PDP_VOL
0x40 RW
07 Volume and mute
control
[7:0] CLK_LOSS_DET
SR_AUTO
Reserved
PDP_VOL_
FORCE
DIG_VOL_
FORCE
ANA_GAIN
0x20 RW
08 DPLL_CTRL
[7:0] Reserved
DPLL_REF_SEL
DPLL_NDIV
0x00 RW
09 APLL_CTRL1
[7:0]
M_HI
0x00 RW
0A APLL_CTRL2
[7:0]
M_LO
0x00 RW
0B APLL_CTRL3
[7:0]
N_HI
0x00 RW
0C APLL_CTRL4
[7:0]
N_LO
0x00 RW
0D APLL_CTRL5
[7:0] Reserved
R
X
Type
0x00 RW
0E APLL_CTRL6
[7:0]
FSYS_DPLL
DPLL_BYPASS APLL_BYPASS DPLL_LOCK
APLL_LOCK
PLLEN
COREN
0x30 RW
0F FAULT_CTRL1
[7:0]
Reserved
PDB_LINE
PDB_ZC
CLK_LOSS
OC
OT
0x000 RW
10 FAULT_CTRL2
[7:0] Reserved
AR_TIME
MRCV
MAX_AR
ARCV
0x4C RW
14 DEEMP_CTRL
[7:0]
Reserved
DEEMP_FS
DEEMP_EN 0x00 RW
15 HPF_CTRL
[7:0]
Reserved
HPFCUT
HPFOR
HPFEN
0x00 RW
16 EQ1_COEF0_HI
[7:0]
EQ1_COEF0_HI
0x00 RW
17 EQ1_COEF0_LO
[7:0]
EQ1_COEF0_LO
0x00 RW
18 EQ1_COEF1_HI
[7:0]
EQ1_COEF1_HI
0x00 RW
19 EQ1_COEF1_LO
[7:0]
EQ1_COEF1_LO
0x00 RW
1A EQ1_COEF2_HI
[7:0]
EQ1_COEF2_HI
0x00 RW
1B EQ1_COEF2_LO
[7:0]
EQ1_COEF2_LO
0x00 RW
1C EQ1_COEF3_HI
[7:0]
EQ1_COEF3_HI
0x00 RW
1D EQ1_COEF3_LO
[7:0]
EQ1_COEF3_LO
0x00 RW
1E EQ1_COEF4_HI
[7:0]
EQ1_COEF4_HI
0x00 RW
1F EQ1_COEF4_LO
[7:0]
EQ1_COEF4_LO
0x00 RW
20 EQ2_COEF0_HI
[7:0]
EQ2_COEF0_HI
0x00 RW
21 EQ2_COEF0_LO
[7:0]
EQ2_COEF0_LO
0x00 RW
22 EQ2_COEF1_HI
[7:0]
EQ2_COEF1_HI
0x00 RW
23 EQ2_COEF1_LO
[7:0]
EQ2_COEF1_LO
0x00 RW
24 EQ2_COEF2_HI
[7:0]
EQ2_COEF2_HI
0x00 RW
25 EQ2_COEF2_LO
[7:0]
EQ2_COEF2_LO
0x00 RW
26 EQ2_COEF3_HI
[7:0]
EQ2_COEF3_HI
0x00 RW
27 EQ2_COEF3_LO
[7:0]
EQ2_COEF3_LO
0x00 RW
28 EQ2_COEF4_HI
[7:0]
EQ2_COEF4_HI
0x00 RW
29 EQ2_COEF4_LO
[7:0]
EQ2_COEF4_LO
0x00 RW
2A EQ3_COEF0_HI
[7:0]
EQ3_COEF0_HI
0x00 RW
2B EQ3_COEF0_LO
[7:0]
EQ3_COEF0_LO
0x00 RW
2C EQ3_COEF1_HI
[7:0]
EQ3_COEF1_HI
0x00 RW
2D EQ3_COEF1_LO
[7:0]
EQ3_COEF1_LO
0x00 RW
2E EQ3_COEF2_HI
[7:0]
EQ3_COEF2_HI
0x00 RW
2F EQ3_COEF2_LO
[7:0]
EQ3_COEF2_LO
0x00 RW
30 EQ3_COEF3_HI
[7:0]
EQ3_COEF3_HI
0x00 RW
31 EQ3_COEF3_LO
[7:0]
EQ3_COEF3_LO
0x00 RW
32 EQ3_COEF4_HI
[7:0]
EQ3_COEF4_HI
0x00 RW
33 EQ3_COEF4_LO
[7:0]
EQ3_COEF4_LO
0x00 RW
34 EQ4_COEF0_HI
[7:0]
EQ4_COEF0_HI
0x00 RW
35 EQ4_COEF0_LO
[7:0]
EQ4_COEF0_LO
0x00 RW
36 EQ4_COEF1_HI
[7:0]
EQ4_COEF1_HI
0x00 RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com