Electronic Components Datasheet Search
  English  ▼

X  

SSM2529 Datasheet(PDF) 49 Page - Analog Devices

Part # SSM2529
Description  Digital Input, Mono 2 W, Class-D Audio Power Amplifier
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2529 Datasheet(HTML) 49 Page - Analog Devices

Back Button SSM2529 Datasheet HTML 44Page - Analog Devices SSM2529 Datasheet HTML 45Page - Analog Devices SSM2529 Datasheet HTML 46Page - Analog Devices SSM2529 Datasheet HTML 47Page - Analog Devices SSM2529 Datasheet HTML 48Page - Analog Devices SSM2529 Datasheet HTML 49Page - Analog Devices SSM2529 Datasheet HTML 50Page - Analog Devices SSM2529 Datasheet HTML 51Page - Analog Devices SSM2529 Datasheet HTML 52Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 49 / 52 page
background image
Data Sheet
SSM2529
Rev. 0 | Page 49 of 52
SPK_GAIN REGISTER
Table 158. Address: 0x8F, Reset: 0x44, Name: SPK_GAIN
Bits
Bit Name
Settings
Description
Reset
Access
[7:4]
SP_RR
Speaker protection gain reduction release rate
0x4
RW
0000
0.549 dB/s
0001
0.275 dB/s
0010
0.137 dB/s
0011
0.092 dB/s
0100
0.069 dB/s (default)
0101
0.034 dB/s
0110
0.017 dB/s
0111
0.008 dB/s
[3:0]
SP_AR
Speaker protection gain reduction attack rate
0x4
RW
0000
0.070 dB/ms
0001
0.035 dB/ms
0010
0.017 dB/ms
0011
0.012 dB/ms
0100
0.009 dB/ms (default)
0101
0.006 dB/ms
0110
0.004 dB/ms
0111
0.003 dB/ms
SOFT_RST REGISTER
Table 159. Address: 0xFF, Reset: 0x00, Name: SOFT_RST
Bits
Bit Name
Description
Reset
Access
[7:0]
SOFT_RST
Write 0x00 to reset all registers
0x00
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com