Electronic Components Datasheet Search
  English  ▼

X  

SSM2529 Datasheet(PDF) 16 Page - Analog Devices

Part # SSM2529
Description  Digital Input, Mono 2 W, Class-D Audio Power Amplifier
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2529 Datasheet(HTML) 16 Page - Analog Devices

Back Button SSM2529 Datasheet HTML 12Page - Analog Devices SSM2529 Datasheet HTML 13Page - Analog Devices SSM2529 Datasheet HTML 14Page - Analog Devices SSM2529 Datasheet HTML 15Page - Analog Devices SSM2529 Datasheet HTML 16Page - Analog Devices SSM2529 Datasheet HTML 17Page - Analog Devices SSM2529 Datasheet HTML 18Page - Analog Devices SSM2529 Datasheet HTML 19Page - Analog Devices SSM2529 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 52 page
background image
SSM2529
Data Sheet
Rev. 0 | Page 16 of 52
The common biquad filter transfer function is
2
1
2
1
1
−
−
−
−
×
−
×
−
×
+
×
+
=
Z
D2
Z
D1
Z
P2
Z
P1
P0
H(z)
The first-order IIR filter transfer function is
1
1
1
−
−
×
−
×
+
=
Z
D1
Z
P1
P0
H(z)
In normal mode, the supported coefficients range from −4 to
approximately +4. For equalizer mode, this range means that
the cutoff and center frequencies can vary from 40 Hz to
12 kHz when the input sampling rate is 48 kHz, and the peak
gain varies from −18 dB to +18 dB.
The EQ_FORMAT bit in Register 0x54 defines the coefficient
format. The default value is 0, and the corresponding format is
Q3.13. Setting this bit to 1 achieves a larger coefficient range (from
−8 to approximately +8), which enables a larger gain boost or
decreases the range.
Online coefficient update is supported. If the filter bank
coefficients are updated when the EQ is operating, set the
EQ_UPD bit after the coefficient is written. The coefficient
update procedure requires approximately 0.05 ms to complete.
The read only bit, EQ_UPDING, in the EQ_CTRL1 register
represents the coefficient update status. If the system clock is
removed during this period, the update procedure cannot be
finished, and the EQ_UPD_CLR bit must be set to cancel this
update.
The filter bank can be disabled, and all seven bands can be
bypassed separately to save power. The corresponding bits are
EQEN and EQBP1 to EQBP7 in Register 0x55.
Table 12. EQ Coefficients Registers
Register
Address
Register Name
Description
0x16
EQ1_COEF0_HI[15:8]
EQ Band 1, Coefficient 0 MSB
0x17
EQ1_COEF0_LO[7:0]
EQ Band 1, Coefficient 0 LSB
0x18
EQ1_COEF1_HI[15:8]
EQ Band 1, Coefficient 1 MSB
0x19
EQ1_COEF1_LO[7:0]
EQ Band 1, Coefficient 1 LSB
0x1A
EQ1_COEF2_HI[15:8]
EQ Band 1, Coefficient 2 MSB
0x1B
EQ1_COEF2_LO[7:0]
EQ Band 1, Coefficient 2 LSB
...
...
...
0x52
EQ7_COEF2_HI[15:8]
EQ Band 7, Coefficient 2 MSB
0x53
EQ7_COEF2_LO[7:0]
EQ Band 7, Coefficient 2 LSB
Table 13. EQ_CTRL1 Register
D7
D6
D5
D4
D3
D2
D1
D0
EQ_RESERVED
EQ_
UPDING
EQ_UPD_
CLR
EQ_
FORMAT
EQ_
UPD
Table 14. Bit Description of EQ_CTRL1 Register
Bit Name
Description
Settings
EQ_RESERVED
Reserved
EQ_UPDING
EQ coefficient
updating flag
0: EQ coefficients
updating
1: None
EQ_UPD_CLR
EQ coefficient update
clear
0: normal operation
1: interrupt
coefficient update
EQ_FORMAT
EQ coefficient format
selection
0: normal
1: large gain
EQ_UPD
EQ coefficient registers
update flag
1: update
0: none
Table 15. EQ_CTRL2 Register
D7
D6
D5
D4
D3
D2
D1
D0
EQEN
EQBP7
EQBP6
EQBP5
EQBP4
EQBP3
EQBP2
EQBP1
Table 16. Bit Description of EQ_CTRL2 Register
Bit Name
Description
Settings
EQEN
EQ enabled
0: EQ disabled
1: EQ enabled
EQBP7
EQ Band 7 bypass
when EQ enabled
0: no bypass
1: bypass EQ Band 7
EQBP6
EQ Band 6 bypass
when EQ enabled
0: no bypass
1: bypass EQ Band 6
EQBP5
EQ Band 5 bypass
when EQ enabled
0: no bypass
1: bypass EQ Band 5
EQBP4
EQ Band 4 bypass
when EQ enabled
0: no bypass
1: bypass EQ Band 4
EQBP3
EQ Band 3 bypass
when EQ enabled
0: no bypass
1: bypass EQ Band 3
EQBP2
EQ Band 2 bypass
when EQ enabled
0: no bypass
1: bypass EQ Band 2
EQBP1
EQ Band 1 bypass
when EQ enabled
0: no bypass
1: bypass EQ Band 1
The typical characteristic of each EQ band is shown in Figure 29 to
Figure 36.
Figure 29. Low-Pass Shelving Filter Frequency Response Across Bandwidth
Settings
15
–15
–10
–5
0
5
10
1k
100M
10M
1M
100k
10k
FREQUENCY (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com