Electronic Components Datasheet Search
  English  ▼

X  

SSM2529 Datasheet(PDF) 7 Page - Analog Devices

Part # SSM2529
Description  Digital Input, Mono 2 W, Class-D Audio Power Amplifier
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2529 Datasheet(HTML) 7 Page - Analog Devices

Back Button SSM2529 Datasheet HTML 3Page - Analog Devices SSM2529 Datasheet HTML 4Page - Analog Devices SSM2529 Datasheet HTML 5Page - Analog Devices SSM2529 Datasheet HTML 6Page - Analog Devices SSM2529 Datasheet HTML 7Page - Analog Devices SSM2529 Datasheet HTML 8Page - Analog Devices SSM2529 Datasheet HTML 9Page - Analog Devices SSM2529 Datasheet HTML 10Page - Analog Devices SSM2529 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 52 page
background image
Data Sheet
SSM2529
Rev. 0 | Page 7 of 52
Limit
Parameter
T
MIN
T
MAX
Unit
Description
I2C PORT (See Figure 3)
f
SCL
400
kHz
SCL frequency (not shown in Figure 3)
t
SCLH
0.6
µs
SCL high
t
SCLL
1.3
µs
SCL low
t
SCS
0.6
µs
Setup time, relevant for repeated start condition
t
SCH
0.6
µs
Hold time; after this period, the first clock is generated
t
DS
100
ns
Data setup time
t
SCR
300
ns
SCL rise time
t
SCF
300
ns
SCL fall time
t
SDR
300
ns
SDA rise time (not shown in Figure 3)
t
SDF
300
ns
SDA fall time (not shown in Figure 3)
t
BFT
0.6
µs
Bus-free time; time between stop and start
Figure 2. Serial Input Port Timing
Figure 3. I2C Port Timing
tSIS
tSIH
tSIS
tSIH
tLIH
tBP
tBIH
BCLK
LRCLK
SDATA
LEFT-JUSTIFIED
MODE
SDATA
I2S-JUSTIFIED
MODE
SDATA
RIGHT-JUSTIFIED
MODE
tBIL
tLIS
tSIS
tSIH
tSIS
tSIH
MSB
MSB
MSB
LSB
MSB – 1
tSCH
tSCS
tBFT
tSCF
tDS
tSCLL
tSCR
tSCLH
tSCH
STOP
CONDITION
START
CONDITION
SDA
SCL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com