Electronic Components Datasheet Search
  English  ▼

X  

OPA207 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # OPA207
Description  Low-Power, High-Precision, Low-Noise, Rail-to-Rail Output Operational Amplifier
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA207 Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPA207 Datasheet HTML 2Page - Texas Instruments OPA207 Datasheet HTML 3Page - Texas Instruments OPA207 Datasheet HTML 4Page - Texas Instruments OPA207 Datasheet HTML 5Page - Texas Instruments OPA207 Datasheet HTML 6Page - Texas Instruments OPA207 Datasheet HTML 7Page - Texas Instruments OPA207 Datasheet HTML 8Page - Texas Instruments OPA207 Datasheet HTML 9Page - Texas Instruments OPA207 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
6
OPA207
SBOS826A – DECEMBER 2017 – REVISED DECEMBER 2018
www.ti.com
Product Folder Links: OPA207
Submit Documentation Feedback
Copyright © 2017–2018, Texas Instruments Incorporated
Electrical Characteristics (continued)
at VS = ±15 V, TA = 25°C, RL = 2 kΩ connected to VS / 2, VCM = VS / 2, and VO UT = VS / 2, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
FREQUENCY RESPONSE
GBW
Gain-bandwidth product
1.3
MHz
SR
Slew rate
10-V step, G = 1
2.7
V/μs
tS
Settling time
To 0.1%, 10-V step , G = 1
4.8
μs
To 0.01%, 10-V step , G = 1
5.4
μs
To 0.001%, 10-V step , G = 1
8.1
μs
Overload recovery time
VIN × gain > VS
1.1
μs
Total harmonic distortion +
noise (THD+N)
VO = 3 VRMS, G = 1, f = 1 kHz, RL = 10 kΩ
–114
dB
OUTPUT
Voltage output swing from
rail
TA = 25°C, no load
15
30
mV
TA = 25°C, RL = 10 kΩ
40
50
mV
TA = 25°C, RL = 2 kΩ
80
125
mV
TA = –40°C to 125°C, RL = 10 kΩ
75
200
mV
ISC
Short-circuit current
Sinking
–40
mA
Sourcing
40
mA
CLOAD
Capacitive load drive
200
pf
RO
Open-loop output
impedance
f = 1 MHz
45
Ω
POWER SUPPLY
VS
Specified voltage range
Single supply
4.5
36
V
Dual supply
±2.25
±18
V
IQ
Quiescent current per
amplifier
IO = 0 A
350
375
μA
IO = 0 A, TA = –40°C to 125°C
450
μA
Turnon time
At TA = 25°C, VS = 36 V, VS ramp rate > 0.3 V/µs
27
μs
TEMPERATURE
Specified range
–40
125
°C
Operating range
–40
150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com