Electronic Components Datasheet Search
  English  ▼

X  

OPA207 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OPA207
Description  Low-Power, High-Precision, Low-Noise, Rail-to-Rail Output Operational Amplifier
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA207 Datasheet(HTML) 1 Page - Texas Instruments

  OPA207 Datasheet HTML 1Page - Texas Instruments OPA207 Datasheet HTML 2Page - Texas Instruments OPA207 Datasheet HTML 3Page - Texas Instruments OPA207 Datasheet HTML 4Page - Texas Instruments OPA207 Datasheet HTML 5Page - Texas Instruments OPA207 Datasheet HTML 6Page - Texas Instruments OPA207 Datasheet HTML 7Page - Texas Instruments OPA207 Datasheet HTML 8Page - Texas Instruments OPA207 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
Time (1 s/div)
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. UNLESS OTHERWISE NOTED, this document contains PRODUCTION
DATA.
OPA207
SBOS826A – DECEMBER 2017 – REVISED DECEMBER 2018
OPA207 Low-Power, High-Precision, Low-Noise, Rail-to-Rail Output
Operational Amplifier
1
1 Features
1
•
Ultra-Low Offset Voltage: 150 μV (Maximum)
•
Ultra-Low Drift: ±1 μV/°C (Maximum)
•
Gain Bandwidth: 1 MHz (Typical)
•
Slew Rate: 3.6 V/μs (Typical)
•
High Open-Loop Gain: 130 dB (Minimum)
•
High Common-Mode Rejection: 115 dB
(Minimum)
•
High Power-Supply Rejection: 5µV/V (Maximum)
•
Low Bias Current: 2.8 nA (Maximum)
•
Wide Supply Range: ±2.25 V to ±18 V
•
Low Quiescent Current: 375 μA (Maximum)
•
Replaces OP-07, OP-77, and OP-177
2 Applications
•
Factory Automation and Control - Analog I/O
•
Test and Measurement - Battery Testers
•
Data Acquisition - Transducer Amplifiers
•
Bridge Amplifiers
•
Temperature Measurements
•
Strain Gage Amplifiers
•
Battery-Powered Instruments
3 Description
The OPA207 precision operational amplifier (op amp)
replaces the industry standard OP-07, OP-77 and
OP–177 amplifiers. The OPA207 offers improved
noise, wider output voltage swing, and is twice as fast
with half the quiescent current of the industry
standard alternatives. Features include ultra-low input
offset voltage and drift, low input bias current, high
common-mode rejection ratio, and high power supply
rejection ratio.
The OPA207 op amp operates over a wide power-
supply-voltage range, from ±2.25 V to ±18 V, with
excellent
performance.
High
performance
is
maintained as the amplifiers swing to their specified
limits.
The OPA207 operational amplifier is easy to use and
free from phase inversion and the overload problems
found in some other operational amplifiers. The
OPA207 is stable in unity gain and provide excellent
dynamic
behavior
over
a
wide
range
of
load
conditions.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
OPA207
SOIC (8)
4.90 mm × 3.91 mm
SOT-23 (5) (2)
2.90 mm × 1.60 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
(2) This package is preview only.
space
space
Ultra-Low 0.1-Hz to 10-Hz Noise


Similar Part No. - OPA207

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA207 TI1-OPA207 Datasheet
921Kb / 31P
Low-Power, High-Precision, Low-Noise, Rail-to-Rail Output Operational Amplifier
OPA207 TI1-OPA207 Datasheet
1Mb / 38P
Low-power, high-precision, low-noise, rail-to-rail output operational amplifier
OPA207 TI1-OPA207 Datasheet
1Mb / 39P
OPA207 Low-Power, High-Precision, Low-Noise, Rail-to-Rail Output Operational Amplifier
OPA207ID TI1-OPA207ID Datasheet
921Kb / 31P
Low-Power, High-Precision, Low-Noise, Rail-to-Rail Output Operational Amplifier
OPA207ID TI1-OPA207ID Datasheet
1Mb / 38P
Low-power, high-precision, low-noise, rail-to-rail output operational amplifier
More results

Similar Description - OPA207

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS971 STMICROELECTRONICS-TS971_07 Datasheet
473Kb / 17P
Output rail-to-rail very low noise operational amplifier
20-Dec-2007
logo
Analog Devices
ADA4610S AD-ADA4610S Datasheet
847Kb / 18P
Low Noise, Precision, Rail to Rail Output, JFET Dual Operational Amplifier
REV. A
logo
New Japan Radio
NJU7076 NJRC-NJU7076 Datasheet
1Mb / 12P
Precision, Low Noise, Rail-to-Rail Output, CMOS Operational Amplifier
NJU7076B NJRC-NJU7076B Datasheet
902Kb / 11P
Precision, Low Noise, Rail-to-Rail Output, Single CMOS Operational Amplifier
NJU7077 NJRC-NJU7077 Datasheet
1Mb / 12P
Precision, Low Noise, Rail-to-Rail Output, CMOS Operational Amplifier
NJU7078 NJRC-NJU7078 Datasheet
1Mb / 12P
Precision, Low Noise, Rail-to-Rail Output, CMOS Operational Amplifier
logo
Texas Instruments
OPA207 TI1-OPA207 Datasheet
921Kb / 31P
Low-Power, High-Precision, Low-Noise, Rail-to-Rail Output Operational Amplifier
OPA145 TI1-OPA145_18 Datasheet
1Mb / 39P
High-Precision, Low-Noise, Rail-to-Rail Output, 5.5-MHz JFET Operational Amplifier
OPA207_1903 TI1-OPA207_1903 Datasheet
1Mb / 38P
Low-power, high-precision, low-noise, rail-to-rail output operational amplifier
OPA207 TI1-OPA207_V01 Datasheet
1Mb / 39P
OPA207 Low-Power, High-Precision, Low-Noise, Rail-to-Rail Output Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com