Electronic Components Datasheet Search
  English  ▼

X  

OPA207 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # OPA207
Description  Low-Power, High-Precision, Low-Noise, Rail-to-Rail Output Operational Amplifier
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA207 Datasheet(HTML) 14 Page - Texas Instruments

Back Button OPA207 Datasheet HTML 10Page - Texas Instruments OPA207 Datasheet HTML 11Page - Texas Instruments OPA207 Datasheet HTML 12Page - Texas Instruments OPA207 Datasheet HTML 13Page - Texas Instruments OPA207 Datasheet HTML 14Page - Texas Instruments OPA207 Datasheet HTML 15Page - Texas Instruments OPA207 Datasheet HTML 16Page - Texas Instruments OPA207 Datasheet HTML 17Page - Texas Instruments OPA207 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
+
±
+IN
-IN
V+
V-
OUT
Copyright © 2017, Texas Instruments Incorporated
500
500
+
±
+IN
-IN
OUT
Copyright © 2017, Texas Instruments Incorporated
14
OPA207
SBOS826A – DECEMBER 2017 – REVISED DECEMBER 2018
www.ti.com
Product Folder Links: OPA207
Submit Documentation Feedback
Copyright © 2017–2018, Texas Instruments Incorporated
Feature Description (continued)
Figure 36. Simplified OPA207 Input Protection Circuit
7.3.3 ESD Protection
The OPA207 is internally protected against ESD events that can occur during manufacturing, handling, or
printed-circuit-board assembly. The internal ESD protection diodes are not intended to protect the OPA207
during normal operation when the device is operating under power. In cases where the inputs or output can be
driven above the positive power supply or below the negative power supply care must be taken to limit the
current through the internal diodes to 10 mA or less. In harsh electrical environments external protection circuitry
may be required and is dependant upon the application requirements and environmental conditions.
Figure 37. Simplified OPA207 ESD Protection Circuit
7.3.4 Input Stage Linearization
The OPA207 uses linearization techniques to reduce the total harmonic distortion. Figure 38 illustrates the
linearization concept, and Figure 38 illustrates the total harmonic distortion performance of the OPA207.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com