Electronic Components Datasheet Search
  English  ▼

X  

OPA207 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # OPA207
Description  Low-Power, High-Precision, Low-Noise, Rail-to-Rail Output Operational Amplifier
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA207 Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA207 Datasheet HTML 7Page - Texas Instruments OPA207 Datasheet HTML 8Page - Texas Instruments OPA207 Datasheet HTML 9Page - Texas Instruments OPA207 Datasheet HTML 10Page - Texas Instruments OPA207 Datasheet HTML 11Page - Texas Instruments OPA207 Datasheet HTML 12Page - Texas Instruments OPA207 Datasheet HTML 13Page - Texas Instruments OPA207 Datasheet HTML 14Page - Texas Instruments OPA207 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
±100
±75
±50
±25
0
25
50
75
100
±75
±50
±25
0
25
50
75
100
125
150
Temperature (
ƒC)
C001
±6.0
±5.0
±4.0
±3.0
±2.0
±1.0
0.0
1.0
2.0
±75
±50
±25
0
25
50
75
100
125
150
Temperature (
ƒC)
C001
IB
P
IB
N
I
OS
10
11
12
13
14
15
0
5
10
15
20
25
30
35
40
45
50
I
O (mA)
C001
±40°C
25°C
125°C
85°C
-15
-14
-13
-12
-11
-10
0
5
10
15
20
25
30
35
40
45
50
I
O (mA)
C001
125°C
25°C
±40°C
85°C
0
50
100
150
200
250
300
350
400
0
9
18
27
36
Supply Voltage (V)
C001
V
S = 4.5 V
±100.0
±75.0
±50.0
±25.0
0.0
25.0
50.0
75.0
100.0
0
9
18
27
36
Supply Voltage (V)
C001
V
S = 4.5 V
11
OPA207
www.ti.com
SBOS826A – DECEMBER 2017 – REVISED DECEMBER 2018
Product Folder Links: OPA207
Submit Documentation Feedback
Copyright © 2017–2018, Texas Instruments Incorporated
Typical Characteristics (continued)
At TA = 25°C, VS = ±15 V, and RL = 2 kΩ, unless otherwise noted.
Figure 25. Quiescent Current vs Power Supply Voltage
Figure 26. Input Offset Voltage vs Power Supply Voltage
Figure 27. Output Voltage vs Output Current (Sourcing)
Figure 28. Output Voltage vs Output Current (Sinking)
Figure 29. Input Offset Voltage vs Temperature
Figure 30. Input Bias Current vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com