Electronic Components Datasheet Search
  English  ▼

X  

OPA207 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # OPA207
Description  Low-Power, High-Precision, Low-Noise, Rail-to-Rail Output Operational Amplifier
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA207 Datasheet(HTML) 12 Page - Texas Instruments

Back Button OPA207 Datasheet HTML 8Page - Texas Instruments OPA207 Datasheet HTML 9Page - Texas Instruments OPA207 Datasheet HTML 10Page - Texas Instruments OPA207 Datasheet HTML 11Page - Texas Instruments OPA207 Datasheet HTML 12Page - Texas Instruments OPA207 Datasheet HTML 13Page - Texas Instruments OPA207 Datasheet HTML 14Page - Texas Instruments OPA207 Datasheet HTML 15Page - Texas Instruments OPA207 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
25
30
35
40
45
±75
±50
±25
0
25
50
75
100
125
150
Temperature (
ƒC)
C001
Sourcing
Sinking
0.001
0.01
0.1
1
120
130
140
150
160
170
180
±75 ±50 ±25
0
25
50
75
100
125
150
Temperature (
ƒC)
C001
250
300
350
400
450
±75
±50
±25
0
25
50
75
100
125
150
Temperature (
ƒC)
C001
V
S = ± 18 V
V
S = ± 2.25 V
0.001
0.01
0.1
1
120
130
140
150
160
170
180
±50
±25
0
25
50
75
100
125
Temperature (
ƒC)
C001
V
S = ± 18 V
V
S = ± 2.25 V
0.001
0.01
0.1
1
120
130
140
150
160
170
180
±75 ±50 ±25
0
25
50
75
100
125
150
Temperature (
ƒC)
C001
12
OPA207
SBOS826A – DECEMBER 2017 – REVISED DECEMBER 2018
www.ti.com
Product Folder Links: OPA207
Submit Documentation Feedback
Copyright © 2017–2018, Texas Instruments Incorporated
Typical Characteristics (continued)
At TA = 25°C, VS = ±15 V, and RL = 2 kΩ, unless otherwise noted.
Figure 31. Open Loop Gain vs Temperature
Figure 32. Common-Mode Rejection Ratio vs Temperature
Figure 33. Power Supply Rejection Ratio vs Temperature
Figure 34. Quiescent Current vs Temperature
Figure 35. Output Short Circuit Current vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com