Electronic Components Datasheet Search
  English  ▼

X  

OPA207 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # OPA207
Description  Low-Power, High-Precision, Low-Noise, Rail-to-Rail Output Operational Amplifier
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA207 Datasheet(HTML) 17 Page - Texas Instruments

Back Button OPA207 Datasheet HTML 13Page - Texas Instruments OPA207 Datasheet HTML 14Page - Texas Instruments OPA207 Datasheet HTML 15Page - Texas Instruments OPA207 Datasheet HTML 16Page - Texas Instruments OPA207 Datasheet HTML 17Page - Texas Instruments OPA207 Datasheet HTML 18Page - Texas Instruments OPA207 Datasheet HTML 19Page - Texas Instruments OPA207 Datasheet HTML 20Page - Texas Instruments OPA207 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
Temperature (qC)
-50
-25
0
25
50
75
100
125
-1000
0
1000
2000
3000
4000
5000
6000
OPA2
OPA207
Typical CMOS/JFET
-15
-14
-13
-12
-11
-10
0
5
10
15
20
25
30
35
40
45
50
I
O (mA)
C001
125°C
25°C
±40°C
85°C
17
OPA207
www.ti.com
SBOS826A – DECEMBER 2017 – REVISED DECEMBER 2018
Product Folder Links: OPA207
Submit Documentation Feedback
Copyright © 2017–2018, Texas Instruments Incorporated
Feature Description (continued)
Figure 42. Output Swing to Rail While Sinking Current
7.3.6 Low Input Bias Current
The OPA207 uses super-beta bipolar transistors and employs an input bias current cancellation technique. This
combination results in very low input bias currents that remain low over the full specified temperature range from
–40°C to + 125°C unlike CMOS or JFET amplifiers whose input bias currents typically double every 10°C and
can be extremely high at 125°C. Figure 43 illustrates the comparison between the OPA207 and typical CMOS or
JFET amplifiers.
Figure 43. Input Bias Current vs Temperature
It is common practice to place a bias current cancellation resistor as illustrated in Figure 42. This approach works
well with amplifiers that do not employ an internal input bias current cancellation technique. Because the
OPA207 uses an internal bias current cancellation technique, TI does not recommend the bias cancellation
resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com