Electronic Components Datasheet Search
  English  ▼

X  

OPA207 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # OPA207
Description  Low-Power, High-Precision, Low-Noise, Rail-to-Rail Output Operational Amplifier
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA207 Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA207 Datasheet HTML 4Page - Texas Instruments OPA207 Datasheet HTML 5Page - Texas Instruments OPA207 Datasheet HTML 6Page - Texas Instruments OPA207 Datasheet HTML 7Page - Texas Instruments OPA207 Datasheet HTML 8Page - Texas Instruments OPA207 Datasheet HTML 9Page - Texas Instruments OPA207 Datasheet HTML 10Page - Texas Instruments OPA207 Datasheet HTML 11Page - Texas Instruments OPA207 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
Output Amplitude (VPP)
0.02
0.05 0.1
0.20.3 0.5
1
2 3 4 5 7 10
20 30 50
-125
-120
-115
-110
-105
-100
-95
-90
-85
-80
-75
-70
-65
-60
-55
-50
G = –1 V/V, RL = 2 kΩ
G = –1 V/V, RL = 10 kΩ
G = 1 V/V, RL = 2 kΩ
G = 1 V/V, RL = 10 kΩ
Frequency (Hz)
-125
-120
-115
-110
-105
-100
-95
-90
-85
-80
-75
-70
-65
-60
-55
-50
20
50
100
200
500
1k
2k
5k
10k 20k
G = –1 V/V, RL = 2 kΩ
G = –1 V/V, RL = 10 kΩ
G = 1 V/V, RL = 2 kΩ
G = 1 V/V, RL = 10 kΩ
Time (1 s/div)
Frequency (Hz)
0.1
1
10
100m
1
10
100
1k
10k
100k
Frequency (Hz)
0
5
10
15
20
100m
1
10
100
1k
10k
100k
1M
OPA2
Frequency (Hz)
0
5
10
15
20
25
30
35
40
1
10
100
1k
10k
100k
1M
Vs=±18 V
Vs=±15 V
Vs=±2.25 V
8
OPA207
SBOS826A – DECEMBER 2017 – REVISED DECEMBER 2018
www.ti.com
Product Folder Links: OPA207
Submit Documentation Feedback
Copyright © 2017–2018, Texas Instruments Incorporated
Typical Characteristics (continued)
At TA = 25°C, VS = ±15 V, and RL = 2 kΩ, unless otherwise noted.
Figure 7. Full Power Bandwidth
Figure 8. Input Voltage Noise Spectral Density vs Frequency
Figure 9. 0.1-Hz to 10-Hz Noise Voltage
Figure 10. Input Current Noise vs Frequency
Figure 11. Total Harmonic Distortion + Noise vs Output
Amplitude
VOUT = 3 VRMS
Figure 12. Total Harmonic Distortion + Noise vs Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com