Electronic Components Datasheet Search
  English  ▼

X  

OPA207 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # OPA207
Description  Low-Power, High-Precision, Low-Noise, Rail-to-Rail Output Operational Amplifier
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA207 Datasheet(HTML) 15 Page - Texas Instruments

Back Button OPA207 Datasheet HTML 11Page - Texas Instruments OPA207 Datasheet HTML 12Page - Texas Instruments OPA207 Datasheet HTML 13Page - Texas Instruments OPA207 Datasheet HTML 14Page - Texas Instruments OPA207 Datasheet HTML 15Page - Texas Instruments OPA207 Datasheet HTML 16Page - Texas Instruments OPA207 Datasheet HTML 17Page - Texas Instruments OPA207 Datasheet HTML 18Page - Texas Instruments OPA207 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 34 page
background image
Frequency (Hz)
-125
-120
-115
-110
-105
-100
-95
-90
-85
-80
-75
-70
-65
-60
-55
-50
20
50
100
200
500
1k
2k
5k
10k 20k
G = –1 V/V, RL = 2 kΩ
G = –1 V/V, RL = 10 kΩ
G = 1 V/V, RL = 2 kΩ
G = 1 V/V, RL = 10 kΩ
Copyright © 2017, Texas Instruments Incorporated
+IN
-IN
V-
15
OPA207
www.ti.com
SBOS826A – DECEMBER 2017 – REVISED DECEMBER 2018
Product Folder Links: OPA207
Submit Documentation Feedback
Copyright © 2017–2018, Texas Instruments Incorporated
Feature Description (continued)
Figure 38. Simplified Input Stage Linearization Circuit
Figure 39. Total Harmonic Distortion
7.3.5 Rail-to-Rail Output
The OPA207 uses a rail-to-rail output stage capable of swinging within a few millivolts from either power supply
rail while maintaining high open-loop gain. Figure 40 shows a simplified drawing of the output stage circuit.
Resistors connected in series with each output transistor ensure a consistent output current limit. Limiting the
output current in this way ensures reliable operation of the OPA207 under short circuited conditions and protects
sensitive loads from being damaged by excessive current. Figure 41 and Figure 42 illustrate the maximum output
current available from the OPA207 at various temperatures.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com