Electronic Components Datasheet Search
  English  ▼

X  

OPA207 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # OPA207
Description  Low-Power, High-Precision, Low-Noise, Rail-to-Rail Output Operational Amplifier
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA207 Datasheet(HTML) 3 Page - Texas Instruments

  OPA207 Datasheet HTML 1Page - Texas Instruments OPA207 Datasheet HTML 2Page - Texas Instruments OPA207 Datasheet HTML 3Page - Texas Instruments OPA207 Datasheet HTML 4Page - Texas Instruments OPA207 Datasheet HTML 5Page - Texas Instruments OPA207 Datasheet HTML 6Page - Texas Instruments OPA207 Datasheet HTML 7Page - Texas Instruments OPA207 Datasheet HTML 8Page - Texas Instruments OPA207 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
1
OUT
2
V±
3
+IN
4
±IN
5
V+
Not to scale
3
OPA207
www.ti.com
SBOS826A – DECEMBER 2017 – REVISED DECEMBER 2018
Product Folder Links: OPA207
Submit Documentation Feedback
Copyright © 2017–2018, Texas Instruments Incorporated
5 Pin Configuration and Functions
D Package
8-Pin SOIC
Top View
OPA202 DBV Package (Preview)
5-Pin SOT-23
Top View
Pin Functions: OPA207
PIN
I/O
DESCRIPTION
NAME
OPA207
D (SOIC)
DBV (SOT-23)
–IN
2
4
I
Inverting input
+IN
3
3
I
Non-inverting input
NC
1, 5, 8
—
—
No internal connection (can be left floating or connected to ground)
OUT
6
1
O
Output
V–
4
2
—
Negative (lowest) power supply
V+
7
5
—
Positive (highest) power supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com