Electronic Components Datasheet Search
  English  ▼

X  

F1978 Datasheet(PDF) 16 Page - Integrated Device Technology

Part # F1978
Description  6-Bit, 75 Digital Step Attenuator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

F1978 Datasheet(HTML) 16 Page - Integrated Device Technology

Back Button F1978 Datasheet HTML 12Page - Integrated Device Technology F1978 Datasheet HTML 13Page - Integrated Device Technology F1978 Datasheet HTML 14Page - Integrated Device Technology F1978 Datasheet HTML 15Page - Integrated Device Technology F1978 Datasheet HTML 16Page - Integrated Device Technology F1978 Datasheet HTML 17Page - Integrated Device Technology F1978 Datasheet HTML 18Page - Integrated Device Technology F1978 Datasheet HTML 19Page - Integrated Device Technology F1978 Datasheet HTML 20Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
F1978 Datasheet
© 2017 Integrated Device Technology, Inc.
16
Rev O August 28, 2017
Figure 20. Latched Parallel Mode Timing Diagram
Table 13.
Latched Parallel Mode Timing
Interval Symbol
Description
Min Spec
Max Spec
Units
tSPS
Serial Mode to Parallel Mode setup time
100
ns
tPDH
Parallel data hold time
10
ns
tPDS
LE minimum pulse width
10
ns
tLE
Parallel data setup time
10
ns
Applications Information
F1978 Digital Pin Voltage and Resistance Values (Pins not Connected)
Table 14 lists the resistance between various pins and ground when no DC power is applied. When the device is powered up with +5V DC,
these pins will exhibit a voltage to ground as indicated.
Table 14.
Voltage and Resistance to Ground for the Logic Pins
Pin
Name
DC Voltage (Volts)
Resistance (Ohms)
13
VMODE
2.5V
100k
Ω pull-up resistor to internally regulated 2.5V.
3, 4, 5
DATA, CLK, LE
2.5V
100k
Ω pull-up resistor to internally regulated 2.5V.
1, 15
–17,
19, 20
D5, D4, D3,
D2, D1, D0
2.5V
100kΩ pull-up resistor to internally regulated 2.5V.
VMODE
tSPS
tLE
tPDH
tPDS
LE
D[5:0]
Time
Data Word Latched
into the Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com