Electronic Components Datasheet Search
  English  ▼

X  

F1978 Datasheet(PDF) 20 Page - Integrated Device Technology

Part # F1978
Description  6-Bit, 75 Digital Step Attenuator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

F1978 Datasheet(HTML) 20 Page - Integrated Device Technology

Back Button F1978 Datasheet HTML 16Page - Integrated Device Technology F1978 Datasheet HTML 17Page - Integrated Device Technology F1978 Datasheet HTML 18Page - Integrated Device Technology F1978 Datasheet HTML 19Page - Integrated Device Technology F1978 Datasheet HTML 20Page - Integrated Device Technology F1978 Datasheet HTML 21Page - Integrated Device Technology F1978 Datasheet HTML 22Page - Integrated Device Technology F1978 Datasheet HTML 23Page - Integrated Device Technology F1978 Datasheet HTML 24Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
F1978 Datasheet
© 2017 Integrated Device Technology, Inc.
20
Rev O August 28, 2017
Bill of Materials (BOM)
Table 15.
Evaluation Kit Bill of Material
Part Reference
QTY
Description
Manufacturer Part #
Manufacturer
C1, C11, C15
3
100nF ±10%, 16V, X7R Ceramic Capacitor (0402)
GRM155R71C104K
MURATA
C2, C10
2
10nF ±5%, 50V, X7R Ceramic Capacitor (0603)
GRM188R71H103J
MURATA
C3, C4, C5, C6,
C7, C8, C9, C12,
C13, C14
10
100pF ±5%, 50V, C0G Ceramic Capacitor (0402)
GRM1555C1H101J
MURATA
R3, R4, R5, R6,
R7, R8, R9
7
100Ω ±1%, 1/10W, Resistor (0402)
ERJ-2RKF1000X
PANASONIC
R10-R13, R15-R18,
R24-R27
12
0
Ω Resistor (0402)
ERJ-2GE0R00X
PANASONIC
R21, R22, R23
3
3k
Ω ±1%, 1/10W, Resistor (0402)
ERJ-2RKF3001X
PANASONIC
R1
1
8.25k
Ω ±1%, 1/10W, Resistor (0402)
ERJ-2RKF8251X
PANASONIC
R2
1
10k
Ω ±5%, 1/10W, Resistor (0402)
ERJ-2RKF1002X
PANASONIC
J2, J3, J5
3
Conn Header Vert SGL 2 X 1 Pos Gold
961102-6404-AR
3M
J11
1
Conn Header Vert DBL 4 X 2 Pos Gold
67997-108HLF
FCI
J4
1
Conn Header Vert SGL 9 X 1 Pos Gold
961109-6404-AR
3M
J1, J8
2
Edge Launch SMA
(0.250 inch pitch ground, round)
142-0711-821
Emerson Johnson
J6, J7, J12, J13
4
Edge Launch F-type 75 Ohm
222181
Amphenol
U2
1
Switch 8-Position Dip Switch
KAT1108E
E-Switch
U1
1
DSA
F1978NCGK
IDT
1
Printed Circuit Board
F1975 EVKit Rev 02
IDT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com