Electronic Components Datasheet Search
  English  ▼

X  

F1978 Datasheet(PDF) 3 Page - Integrated Device Technology

Part # F1978
Description  6-Bit, 75 Digital Step Attenuator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

F1978 Datasheet(HTML) 3 Page - Integrated Device Technology

  F1978 Datasheet HTML 1Page - Integrated Device Technology F1978 Datasheet HTML 2Page - Integrated Device Technology F1978 Datasheet HTML 3Page - Integrated Device Technology F1978 Datasheet HTML 4Page - Integrated Device Technology F1978 Datasheet HTML 5Page - Integrated Device Technology F1978 Datasheet HTML 6Page - Integrated Device Technology F1978 Datasheet HTML 7Page - Integrated Device Technology F1978 Datasheet HTML 8Page - Integrated Device Technology F1978 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
F1978 Datasheet
© 2017 Integrated Device Technology, Inc.
3
Rev O August 28, 2017
Pin Descriptions
Table 1.
Pin Descriptions
Number
Name
Description
1
D5
16dB attenuation control bit. This pin is activated by logic HIGH (see Table 12). [a]
2
RF1
Device RF input or output (bi-directional).
3
DATA
Serial interface data input.
4
CLK
Serial interface clock input.
5
LE
Serial interface latch enable input. Internal pull-up (100
kΩ). See “Programming” section for proper
usage of this line.
6
VDD
Power supply pin.
7
–9, 12, 18
NC
No internal connection. The NC pins can be left unconnected, have a voltage applied, or be connected
to ground (recommended).
10, 11
GND
Internally grounded. Connect pin directly to paddle ground or as close as possible to the pin with thru
vias.
13
VMODE
Pull this pin HIGH for Serial Control Mode. Ground this pin for Parallel Control Mode.
14
RF2
Device RF input or output (bi-directional).
15
D4
8dB attenuation control bit. This pin is activated by logic HIGH (see Table 12). [a]
16
D3
4dB attenuation control bit. This pin is activated by logic HIGH (see Table 12). [a]
17
D2
2dB attenuation control bit. This pin is activated by logic HIGH (see Table 12). [a]
19
D1
1dB attenuation control bit. This pin is activated by logic HIGH (see Table 12). [a]
20
D0
0.5dB attenuation control bit. This pin is activated by logic HIGH (see Table 12). [a]
EPAD
Exposed paddle. Internally connected to ground (GND). Solder this exposed paddle to a printed circuit
board (PCB) pad that uses multiple ground vias to provide heat transfer out of the device into the PCB
ground planes. These multiple ground vias are also required to achieve the specified RF performance.
[a]
There is a 100kΩ pull-up resistor to the internally regulated 2.5V power supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com