Electronic Components Datasheet Search
  English  ▼

X  

F1978 Datasheet(PDF) 5 Page - Integrated Device Technology

Part # F1978
Description  6-Bit, 75 Digital Step Attenuator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

F1978 Datasheet(HTML) 5 Page - Integrated Device Technology

  F1978 Datasheet HTML 1Page - Integrated Device Technology F1978 Datasheet HTML 2Page - Integrated Device Technology F1978 Datasheet HTML 3Page - Integrated Device Technology F1978 Datasheet HTML 4Page - Integrated Device Technology F1978 Datasheet HTML 5Page - Integrated Device Technology F1978 Datasheet HTML 6Page - Integrated Device Technology F1978 Datasheet HTML 7Page - Integrated Device Technology F1978 Datasheet HTML 8Page - Integrated Device Technology F1978 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
F1978 Datasheet
© 2017 Integrated Device Technology, Inc.
5
Rev O August 28, 2017
Recommended Operating Conditions
Table 3.
Recommended Operating Conditions
Parameter
Symbol
Condition
Minimum
Typical
Maximum
Units
Supply Voltage(s)
VDD
3.00
5.25
V
Frequency Range
fRF
5
3000
MHz
Operating Temperature Range
TEP
Exposed paddle
-40
105
°C
RF CW Input Power
PCW
RF1 or RF2
See Figure 3
dBm
RF1 Impedance
ZRF1
Single-ended
75
Ω
RF2 Impedance
ZRF2
Single-ended
75
Ω
Figure 3.
Maximum Continuous Operating RF Input Power versus Input Frequency (+25
C)
8
10
12
14
16
18
20
22
24
26
28
30
0.01
0.1
1
10
100
1000
10000
Frequency (MHz)
+25 C - CW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com