Electronic Components Datasheet Search
  English  ▼

X  

F1978 Datasheet(PDF) 22 Page - Integrated Device Technology

Part # F1978
Description  6-Bit, 75 Digital Step Attenuator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

F1978 Datasheet(HTML) 22 Page - Integrated Device Technology

Back Button F1978 Datasheet HTML 18Page - Integrated Device Technology F1978 Datasheet HTML 19Page - Integrated Device Technology F1978 Datasheet HTML 20Page - Integrated Device Technology F1978 Datasheet HTML 21Page - Integrated Device Technology F1978 Datasheet HTML 22Page - Integrated Device Technology F1978 Datasheet HTML 23Page - Integrated Device Technology F1978 Datasheet HTML 24Page - Integrated Device Technology F1978 Datasheet HTML 25Page - Integrated Device Technology F1978 Datasheet HTML 26Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
F1978 Datasheet
© 2017 Integrated Device Technology, Inc.
22
Rev O August 28, 2017
Serial Logic Control Setup
The Evaluation Board has the ability to control the F1978 in the Serial Mode. Connect the serial controller to the J11 header connection as
shown in Figure 25. To use the
Serial Mode, set U2 switch 7 to the “+” or “O” position.
The attenuation setting can be programmed according to Table 8.
Figure 25. Serial Logic Connections
Power-On Procedure
Set up the voltage supplies and
Evaluation Board as described in the “Power Supply Setup” section and either the “Parallel Logic Control Setup”
or “Serial Logic Control Setup” sections above.
Enable the VDD supply.
Enable the proper attenuation setting according to Figure 21 and Table 8 for Serial Mode or Table 12 for the Parallel Mode.
Power-Off Procedure
Set the logic control pins to a logic LOW.
Disable the VDD supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com