Electronic Components Datasheet Search
  English  ▼

X  

F1978 Datasheet(PDF) 14 Page - Integrated Device Technology

Part # F1978
Description  6-Bit, 75 Digital Step Attenuator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

F1978 Datasheet(HTML) 14 Page - Integrated Device Technology

Back Button F1978 Datasheet HTML 10Page - Integrated Device Technology F1978 Datasheet HTML 11Page - Integrated Device Technology F1978 Datasheet HTML 12Page - Integrated Device Technology F1978 Datasheet HTML 13Page - Integrated Device Technology F1978 Datasheet HTML 14Page - Integrated Device Technology F1978 Datasheet HTML 15Page - Integrated Device Technology F1978 Datasheet HTML 16Page - Integrated Device Technology F1978 Datasheet HTML 17Page - Integrated Device Technology F1978 Datasheet HTML 18Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
F1978 Datasheet
© 2017 Integrated Device Technology, Inc.
14
Rev O August 28, 2017
Direct Serial Mode Programming
Direct Serial Mode programming is available for the F1978, but it is not a recommended mode of operation. In the Direct Serial Mode, the F1978
is programmed via the serial port with LE kept at a constant logic HIGH. Data is shifted into the register with each clock cycle. In this mode, the
device attenuation state will be set immediately based on the contents of the shift register as illustrated in Figure 19.
Note: The timing specification intervals for Direct Serial Mode programming are shown in blue font in Figure 19.
Figure 19. Direct Serial Register Timing Diagram
Important Note: If the Direct Serial Register programming method is used, the attenuator state will be programmed each time a data bit is
clocked into the shift register, therefore as the serial word is moving through the device, the attenuator can swing over a 16dB range.
Table 10.
Direct Serial Programming Mode Timing Table
Interval Symbol
Description
Min Spec
Max Spec
Units
tmc
Parallel Mode to Serial Mode setup time: from the rising edge of VMODE
to the rising edge of CLK for the D5 bit
100
ns
tds
Clock HIGH pulse width
10
ns
tdcs
Data setup time: from the starting edge of the data bit to the rising edge
of CLK
10
ns
tdht
Data hold time: from the rising edge of CLK to the falling edge of the
data bit
10
ns
Serial Mode Default Startup Condition
When the device is first powered up, it will default to the maximum attenuation of 31.5dB independent of the parallel pin [D5:D0] conditions.
Table 11.
Default Control Word for the Serial Mode
D5 (MSB)
D4
D3
D2
D1
D0 (LSB)
Attenuation (dB)
1
1
1
1
1
1
31.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com