Electronic Components Datasheet Search
  English  ▼

X  

F1978 Datasheet(PDF) 12 Page - Integrated Device Technology

Part # F1978
Description  6-Bit, 75 Digital Step Attenuator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

F1978 Datasheet(HTML) 12 Page - Integrated Device Technology

Back Button F1978 Datasheet HTML 8Page - Integrated Device Technology F1978 Datasheet HTML 9Page - Integrated Device Technology F1978 Datasheet HTML 10Page - Integrated Device Technology F1978 Datasheet HTML 11Page - Integrated Device Technology F1978 Datasheet HTML 12Page - Integrated Device Technology F1978 Datasheet HTML 13Page - Integrated Device Technology F1978 Datasheet HTML 14Page - Integrated Device Technology F1978 Datasheet HTML 15Page - Integrated Device Technology F1978 Datasheet HTML 16Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
F1978 Datasheet
© 2017 Integrated Device Technology, Inc.
12
Rev O August 28, 2017
Programming
The F1978 can be programmed using either the parallel or the serial interface, which is selectable via VMODE (pin 13). Serial Mode is selected
by floating VMODE or pulling it to a logic HIGH, and Parallel Mode is selected by setting VMODE to a logic LOW.
For a comparison of the F1975 and F1978 products, see the Application Note AN945
– Comparison of F1975 and F1978 Digital Step Attenuator
Serial Programming Methods.
Serial Control Mode
The F1978 Serial Mode is selected by floating VMODE (pin 13) or pulling it to a logic HIGH. The serial interface is a 6-bit shift register and shifts
in the most significant bit (MSB) (D5 bit) first.
The F1978 can be programmed through the serial interface using one of two methods, Conventional Serial Mode or Direct Serial Mode, as
described in the following sections.
Table 7.
6 Bit SPI DATA Word Sequence
Bit
Definition
D5
Attenuation 16dB Control Bit
D4
Attenuator 8dB Control Bit
D3
Attenuator 4dB Control Bit
D2
Attenuator 2dB Control Bit
D1
Attenuator 1dB Control Bit
D0
Attenuator 0.5dB Control Bit
Table 8.
Truth Table for Serial Control Word Bits
D5
(MSB)
D4
D3
D2
D1
D0
(LSB)
Attenuation (dB)
0
0
0
0
0
0
0
0
0
0
0
0
1
0.5
0
0
0
0
1
0
1
0
0
0
1
0
0
2
0
0
1
0
0
0
4
0
1
0
0
0
0
8
1
0
0
0
0
0
16
1
1
1
1
1
1
31.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com