Electronic Components Datasheet Search
  English  ▼

X  

F1978 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # F1978
Description  6-Bit, 75 Digital Step Attenuator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

F1978 Datasheet(HTML) 1 Page - Integrated Device Technology

  F1978 Datasheet HTML 1Page - Integrated Device Technology F1978 Datasheet HTML 2Page - Integrated Device Technology F1978 Datasheet HTML 3Page - Integrated Device Technology F1978 Datasheet HTML 4Page - Integrated Device Technology F1978 Datasheet HTML 5Page - Integrated Device Technology F1978 Datasheet HTML 6Page - Integrated Device Technology F1978 Datasheet HTML 7Page - Integrated Device Technology F1978 Datasheet HTML 8Page - Integrated Device Technology F1978 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
6-Bit, 75Ω Digital Step Attenuator
5MHz to 3GHz
F1978
Datasheet
© 2017 Integrated Device Technology, Inc.
1
Rev O August 28, 2017
Description
The F1978 Digital Step Attenuator (DSA)
is a product in IDT’s
Glitch-FreeTM DSA Family, which is optimized for the demanding
requirements of CATV and satellite systems. It operates in the
frequency range of 5MHz to 3000MHz. This device is offered in a
compact 4mm
 4mm, 20-pin Thin QFN package with a 75
Ω
impedance for ease of integration.
The F1978 DSA has RF performance identical to the F1975
Digital Step Attenuator. The difference between the F1978 and
F1975 is that the F1978 has an additional programming mode
called Direct Serial Programming. Consult the
“Programming”
section of this datasheet or the application note AN-945
“Comparison of F1975 and F1978 Digital Step Attenuator
Serial Programming Methods
.”
Advantages
Digital step attenuators are used in receivers and transmitters to
provide gain control. The F1978 is a 6-bit step attenuator optimized
for these demanding applications. The silicon design has very low
insertion loss and low distortion (+64dBm IIP3). The device has
pinpoint attenuation accuracy. Most importantly, the F1978
i
ncludes IDT’s Glitch-FreeTM technology, which results in low over-
shoot and ringing during most significant bit (MSB) transitions.
Glitch-FreeTM technology protects the power amplifier or
analog-to-digital converter (ADC) from damage during
transitions between attenuation states
Extremely accurate attenuation levels
Ultra-low distortion
Low insertion loss for best signal-to-noise ratio (SNR)
Allows direct serial programming of attenuation
Typical Applications
CATV infrastructure
CATV set-top boxes
CATV satellite modems
Data network equipment
Fiber networks
Features
Frequency: 5MHz to 3000MHz
Serial and 6-bit parallel interface
31.5dB control range
0.5dB step
Glitch-FreeTM technology, low transient overshoot
3.0V to 5.25V supply
1.8V or 3.3V control logic
Attenuator step error: 0.1dB at 1GHz
Low insertion loss: 1.2dB at 1GHz
Ultra-linear IIP3: +64dBm
IIP2: +125dBm typical
Stable integral non-linearity over temperature
Low current consumption: 550µA typical
Bi-directional
Operating temperature: -40°C to +105°C
4mm
 4mm, 20-TQFN package
Block Diagram
Figure 1.
Block Diagram
Decoder
RF1
RF2
SPI
Bias
Glitch-Free
TM


Similar Part No. - F1978

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
F1978 RENESAS-F1978 Datasheet
3Mb / 27P
6-Bit, 75Ω Digital Step Attenuator 5MHz to 3GHz
August 28, 2017
More results

Similar Description - F1978

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAD-008866 MA-COM-MAAD-008866 Datasheet
372Kb / 9P
75 廓 Digital Attenuator, 6-Bit, Serial / Parallel Control
MAAD-011021-000DIE MA-COM-MAAD-011021-000DIE Datasheet
945Kb / 8P
Digital Attenuator, 6-Bit, 0.5 dB LSB step
logo
Integrated Device Techn...
IDTF1951 IDT-IDTF1951 Datasheet
2Mb / 17P
6-bit 0.5 dB Digital Step Attenuator
IDTF1953 IDT-IDTF1953 Datasheet
1Mb / 17P
6-bit Digital Step Attenuator
logo
M/A-COM Technology Solu...
MAAD-011021-000DIE MA-COM-MAAD-011021-000DIE_16 Datasheet
987Kb / 9P
Digital Attenuator, 6-Bit, 0.5 dB LSB step
logo
Integrated Device Techn...
IDTF1912NCGI IDT-IDTF1912NCGI Datasheet
2Mb / 20P
6 Bit Digital Step Attenuator
IDTF1912NCGI IDT-IDTF1912NCGI_17 Datasheet
1Mb / 22P
6 Bit Digital Step Attenuator
F1951 IDT-F1951 Datasheet
1Mb / 20P
6-bit 0.5 dB Digital Step Attenuator
logo
Renesas Technology Corp
F1975 RENESAS-F1975 Datasheet
3Mb / 27P
6-Bit, 75廓 Digital Step Attenuator 5MHz to 3GHz
F1977 RENESAS-F1977 Datasheet
10Mb / 22P
7-Bit, 75 W, Digital Step Attenuator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com