Electronic Components Datasheet Search
  English  ▼

X  

F1978 Datasheet(PDF) 6 Page - Integrated Device Technology

Part # F1978
Description  6-Bit, 75 Digital Step Attenuator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

F1978 Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button F1978 Datasheet HTML 2Page - Integrated Device Technology F1978 Datasheet HTML 3Page - Integrated Device Technology F1978 Datasheet HTML 4Page - Integrated Device Technology F1978 Datasheet HTML 5Page - Integrated Device Technology F1978 Datasheet HTML 6Page - Integrated Device Technology F1978 Datasheet HTML 7Page - Integrated Device Technology F1978 Datasheet HTML 8Page - Integrated Device Technology F1978 Datasheet HTML 9Page - Integrated Device Technology F1978 Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
F1978 Datasheet
© 2017 Integrated Device Technology, Inc.
6
Rev O August 28, 2017
Electrical Characteristics
The specifications in Table 4 apply at VDD = +3.3V, TEP = +25°C, fRF = 1000MHz, PIN = 0dBm, Serial Mode, ZS = ZL = 75
Ω, Evaluation Board
(EVKit) trace and connector losses are de-embedded, unless otherwise noted.
Table 4.
Electrical Characteristics
Parameter
Symbol
Condition
Minimum
Typical
Maximum
Units
Logic Input High Threshold
VIH
All control pins
VDD > 3.6V
1.17 [a]
3.6
V
3.0V
≤ VDD ≤ 3.6V
1.17
VDD
Logic Input Low Threshold
VIL
All control pins
0.63
V
Logic Current
IIH, IIL
All control pins
-35
+35
µA
Supply Current [b]
IDD
VDD = 3.3V
550
830
µA
VDD = 5.0V
620
900
RF1 Return Loss
S11
18
dB
RF2 Return Loss
S22
18
dB
Attenuation Step
LSB
Least significant bit
0.5
dB
Insertion Loss
(Minimum Attenuation)
AMIN
D[5:0]=[000000BIN] (IL State)
1.2
2.0
dB
Attenuation Range
ARANGE
D[5:0]=[111111BIN]=31.5dB
30.5
31.1
31.7
dB
Step Error
DNL
0.1
dB
Absolute Error
INL
D[5:0]=[100111BIN]= 19.5dB
-0.7
+0.5
dB
Insertion Phase Delta
ΦΔ
fRF = 0.5GHz (AMAX to AMIN)
10
deg
fRF = 1.0GHz (AMAX to AMIN)
20
Input IP3
IIP3
PIN = +10dBm/tone,
f1 = 900MHz, f2 = 950MHz
Attn = 0.0dB, RFIN = RF1
60
64
dBm
Attn =15.5dB, RFIN = RF1
59
62
[a]
Specifications in the minimum/maximum columns that are shown in bold italics are guaranteed by test. Specifications in these columns
that are not shown in bold italics are guaranteed by design characterization.
[b]
Current is tested using the Serial Mode with parallel pins floating. If parallel pins are grounded, add 25µA per pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com