Electronic Components Datasheet Search
  English  ▼

X  

LC550EUF Datasheet(PDF) 6 Page - LG Semicon Co.,Ltd.

Part # LC550EUF
Description  55 F-HD TFT(Thin Film Transistor) LCD module
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LC550EUF Datasheet(HTML) 6 Page - LG Semicon Co.,Ltd.

Back Button LC550EUF Datasheet HTML 2Page - LG Semicon Co.,Ltd. LC550EUF Datasheet HTML 3Page - LG Semicon Co.,Ltd. LC550EUF Datasheet HTML 4Page - LG Semicon Co.,Ltd. LC550EUF Datasheet HTML 5Page - LG Semicon Co.,Ltd. LC550EUF Datasheet HTML 6Page - LG Semicon Co.,Ltd. LC550EUF Datasheet HTML 7Page - LG Semicon Co.,Ltd. LC550EUF Datasheet HTML 8Page - LG Semicon Co.,Ltd. LC550EUF Datasheet HTML 9Page - LG Semicon Co.,Ltd. LC550EUF Datasheet HTML 10Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
품-0001-R0
표준번호 :
Rev.
:
인쇄된 표준은 최신본이 아닐 수 있으니 확인 후 사용하십시오.
제품규격_LC550EUF-FEP1-831
0.2
제정일자 : 11.08.10
개정일자 : 12.02.19
6
<CN2 Pin configuration>
No
Symbol
Description
No
Symbol
Description
1
NC
No connection(Reserved)
22
RE3N
THIRD LVDS Receiver Signal (E-)
2
NC
No connection
23
RE3P
THIRD LVDS Receiver Signal (E+)
3
NC
No connection
24
GND
Ground
4
NC
No connection
25
GND
Ground
5
NC
No connection
26
RA4N
FORTH LVDS Receiver Signal (A-)
6
NC
No connection
27
RA4P
FORTH LVDS Receiver Signal (A+)
7
NC
No connection
28
RB4N
FORTH LVDS Receiver Signal (B-)
8
NC
No connection
29
RB4P
FORTH LVDS Receiver Signal (B+)
9
GND
Ground
30
RC4N
FORTH LVDS Receiver Signal (C-)
10
RA3N
THIRD LVDS Receiver Signal (A-)
31
RC4P
FORTH LVDS Receiver Signal (C+)
11
RA3P
THIRD LVDS Receiver Signal (A+)
32
GND
Ground
12
RB3N
THIRD LVDS Receiver Signal (B-)
33
RCLK4N
FORTH LVDS Receiver Clock Signal(-)
13
RB3P
THIRD LVDS Receiver Signal (B+)
34
RCLK4P
FORTH LVDS Receiver Clock Signal(+)
14
RC3N
THIRD LVDS Receiver Signal (C-)
35
GND
Ground
15
RC3P
THIRD LVDS Receiver Signal (C+)
36
RD4N
FORTH LVDS Receiver Signal (D-)
16
GND
Ground
37
RD4P
FORTH LVDS Receiver Signal (D+)
17
RCLK3N
THIRD LVDS Receiver Clock Signal(-)
38
RE4N
FORTH LVDS Receiver Signal (E-)
18
RCLK3P
THIRD LVDS Receiver Clock Signal(+)
39
RE4P
FORTH LVDS Receiver Signal (E+)
19
GND
Ground
40
GND
Ground
20
RD3N
THIRD LVDS Receiver Signal (D-)
41
GND
Ground
21
RD3P
THIRD LVDS Receiver Signal (D+)
-
CN1
CN2
#1
#51
#1
#41
Rear view of LCM
#1
#51
#1
#41
CN1
CN2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com