Electronic Components Datasheet Search
  English  ▼

X  

LC550EUF Datasheet(PDF) 22 Page - LG Semicon Co.,Ltd.

Part # LC550EUF
Description  55 F-HD TFT(Thin Film Transistor) LCD module
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LC550EUF Datasheet(HTML) 22 Page - LG Semicon Co.,Ltd.

Back Button LC550EUF Datasheet HTML 18Page - LG Semicon Co.,Ltd. LC550EUF Datasheet HTML 19Page - LG Semicon Co.,Ltd. LC550EUF Datasheet HTML 20Page - LG Semicon Co.,Ltd. LC550EUF Datasheet HTML 21Page - LG Semicon Co.,Ltd. LC550EUF Datasheet HTML 22Page - LG Semicon Co.,Ltd. LC550EUF Datasheet HTML 23Page - LG Semicon Co.,Ltd. LC550EUF Datasheet HTML 24Page - LG Semicon Co.,Ltd. LC550EUF Datasheet HTML 25Page - LG Semicon Co.,Ltd. LC550EUF Datasheet HTML 26Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
품-0001-R0
표준번호 :
Rev.
:
인쇄된 표준은 최신본이 아닐 수 있으니 확인 후 사용하십시오.
제품규격_LC550EUF-FEP1-831
0.2
제정일자 : 11.08.10
개정일자 : 12.02.19
22
6.
6.
6.
6.기계적규격
기계적규격
기계적규격
기계적규격
항 목
규 격
단 위
공 차
외곽 치수
1237.4(H) X 717.3(V) X 10.3(B)
/ 22.4(D, Vesa 제외)
㎜
배포 도면 참고
유효 표시 영역
1209.6(H) × 680.4(V)
㎜
Bezel Open
1217.6(H) × 688.4(V)
㎜
무게
15.4kg (Typ), 16.6Kg (Max)
Kg
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com