Electronic Components Datasheet Search
  English  ▼

X  

LC550EUF Datasheet(PDF) 9 Page - LG Semicon Co.,Ltd.

Part # LC550EUF
Description  55 F-HD TFT(Thin Film Transistor) LCD module
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LC550EUF Datasheet(HTML) 9 Page - LG Semicon Co.,Ltd.

Back Button LC550EUF Datasheet HTML 5Page - LG Semicon Co.,Ltd. LC550EUF Datasheet HTML 6Page - LG Semicon Co.,Ltd. LC550EUF Datasheet HTML 7Page - LG Semicon Co.,Ltd. LC550EUF Datasheet HTML 8Page - LG Semicon Co.,Ltd. LC550EUF Datasheet HTML 9Page - LG Semicon Co.,Ltd. LC550EUF Datasheet HTML 10Page - LG Semicon Co.,Ltd. LC550EUF Datasheet HTML 11Page - LG Semicon Co.,Ltd. LC550EUF Datasheet HTML 12Page - LG Semicon Co.,Ltd. LC550EUF Datasheet HTML 13Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
품-0001-R0
표준번호 :
Rev.
:
인쇄된 표준은 최신본이 아닐 수 있으니 확인 후 사용하십시오.
제품규격_LC550EUF-FEP1-831
0.2
제정일자 : 11.08.10
개정일자 : 12.02.19
9
4.4.2 TIMING TABLE for DVB/PAL (DE Only Mode)
Note : 1. tHB = tHFP + tWH +tHBP
tVB = tVFP + tWV +tVBP
1. 상기 spec의 Horizontal Frequency을 벗어나면,수평물결 노이즈가 발생할 수 있다.
2. 해상도 및 Mode전환시 Vertical Frequency는 상기 Spec.을 준수 해야 함.
Item
Symbol
Min
Typ
Max
Unit
Remark
DCLK
Period
tCLK
14.9
13.5
13.3
ns
Frequency
fCLK
66.97
74.25
78
MHz
4Pixel/CLK,
297MHz/4
Hsync.
Period
tHP
520
550
680
tCLK
Frequency
fH
121.8
135.0
136.4
KHz
Width
tWH
8
15
50
tCLK
Vsync.
Period
tVP
1308
1350
1380
tHP
Frequency
fV
95
100
104
Hz
Width
tWH
2
5
20
tHP
DE
(Data
Enable)
Horizontal Valid
tHV
480
480
480
tCLK
1920/4
Horizontal Back
Porch
tHBP
16
38
80
Horizontal Front
Porch
tHFP
16
17
70
Horizontal Blank
tHB
40
70
200
Front+Back+Width
Total
Vertical Valid
tVV
1080
1080
1080
tHP
Vertical Back
Porch
tVBP
160
180
190
Vertical Front
Porch
tVFP
66
85
90
Vertical Blank
tVB
228
270
300
Front+Back+Width
Total



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com