Electronic Components Datasheet Search
  English  ▼

X  

LC550EUF Datasheet(PDF) 18 Page - LG Semicon Co.,Ltd.

Part # LC550EUF
Description  55 F-HD TFT(Thin Film Transistor) LCD module
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LC550EUF Datasheet(HTML) 18 Page - LG Semicon Co.,Ltd.

Back Button LC550EUF Datasheet HTML 14Page - LG Semicon Co.,Ltd. LC550EUF Datasheet HTML 15Page - LG Semicon Co.,Ltd. LC550EUF Datasheet HTML 16Page - LG Semicon Co.,Ltd. LC550EUF Datasheet HTML 17Page - LG Semicon Co.,Ltd. LC550EUF Datasheet HTML 18Page - LG Semicon Co.,Ltd. LC550EUF Datasheet HTML 19Page - LG Semicon Co.,Ltd. LC550EUF Datasheet HTML 20Page - LG Semicon Co.,Ltd. LC550EUF Datasheet HTML 21Page - LG Semicon Co.,Ltd. LC550EUF Datasheet HTML 22Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
품-0001-R0
표준번호 :
Rev.
:
인쇄된 표준은 최신본이 아닐 수 있으니 확인 후 사용하십시오.
제품규격_LC550EUF-FEP1-831
0.2
제정일자 : 11.08.10
개정일자 : 12.02.19
18
5.5.4 시야각 : Contrast Ratio가 10:1 이상인 각도.
5.5.5 Crosstalk : (
L
A[or C]2-LA[or C]1/LA[or C]1) ×100(%)[수직],
(
L
B[or D]2-LB[or D]1/LB[or D]1) ×100(%)[수평]
Pattern 1
Pattern 2
(Half Gray: Gray 511)
(Background: Gray 511, Rectangular: Gray 0)
B/4
A/4
A/2
A/4
L
A2
L
B2
L
C2
L
D2
A/8
B/8
B
A
A/2
B/2
L
A1
L
B1
L
C1
L
D1
B/4
B/2
[그림10]
[그림11]
Normal
Y
E
φ
θ
φ = 0°, Right
φ = 180°, Left
φ = 270°, Down
φ = 90°, Up
X
5.5.3 G to G : 측정 위치는 그림 6의 Position 1 에서 측정하며, 그림 9.과 같이 정의함.
[그림9]
Gray(N+1)
Gray(N)
TrR
TrD
100
90
10
0
Optical
Response
N = 0(Black)~1023(White)
Gray(N)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com