Electronic Components Datasheet Search
  English  ▼

X  

LC550EUF Datasheet(PDF) 7 Page - LG Semicon Co.,Ltd.

Part # LC550EUF
Description  55 F-HD TFT(Thin Film Transistor) LCD module
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LC550EUF Datasheet(HTML) 7 Page - LG Semicon Co.,Ltd.

Back Button LC550EUF Datasheet HTML 3Page - LG Semicon Co.,Ltd. LC550EUF Datasheet HTML 4Page - LG Semicon Co.,Ltd. LC550EUF Datasheet HTML 5Page - LG Semicon Co.,Ltd. LC550EUF Datasheet HTML 6Page - LG Semicon Co.,Ltd. LC550EUF Datasheet HTML 7Page - LG Semicon Co.,Ltd. LC550EUF Datasheet HTML 8Page - LG Semicon Co.,Ltd. LC550EUF Datasheet HTML 9Page - LG Semicon Co.,Ltd. LC550EUF Datasheet HTML 10Page - LG Semicon Co.,Ltd. LC550EUF Datasheet HTML 11Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
품-0001-R0
표준번호 :
Rev.
:
인쇄된 표준은 최신본이 아닐 수 있으니 확인 후 사용하십시오.
제품규격_LC550EUF-FEP1-831
0.2
제정일자 : 11.08.10
개정일자 : 12.02.19
7
4.3.2 B/L 구동용 PIN CONFIGURATION(CN201, CN202)
[ CN201 ]
1) LED Array assy Connector (Plug)
: HS100-L08N-N62 (black color, manufactured by UJU)
2) Mating Connector (Receptacle)
: IS100-L08T-C46 (black color, manufactured by UJU)
[ CN202 ]
1) LED Array assy Connector (Plug)
: HS100-L08N-N62-A (natural color, manufactured by UJU)
2) Mating Connector (Receptacle)
: IS100-L08T-C46-A (natural color, manufactured by UJU)
배면
배면
배면
배면
T-con
L
L2
L2
L2
L2
L3
L3
L3
L3
R1
R1
R1
R1
R2
R2
R2
R2
R3
R3
R3
R3
87654321
87654321
L_CNT
CN201
R_CNT
CN202
L1
L1
L1
L1
R
LED Driver CNT
Pin No
출력 L_CN201
(8pin)
출력 R_CN202
(8pin)
1
L1 Cathode
Anode_R
2
L2 Cathode
N.C
3
L3 Cathode
N.C
4
N.C
N.C
5
N.C
N.C
6
N.C
R1 Cathode
7
N.C
R2 Cathode
8
Anode_L
R3 Cathode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com