Electronic Components Datasheet Search
  English  ▼

X  

OZ9986/ Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # OZ9986/
Description  Intelligent Lighting Family
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

OZ9986/ Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button OZ9986/ Datasheet HTML 16Page - List of Unclassifed Manufacturers OZ9986/ Datasheet HTML 17Page - List of Unclassifed Manufacturers OZ9986/ Datasheet HTML 18Page - List of Unclassifed Manufacturers OZ9986/ Datasheet HTML 19Page - List of Unclassifed Manufacturers OZ9986/ Datasheet HTML 20Page - List of Unclassifed Manufacturers OZ9986/ Datasheet HTML 21Page - List of Unclassifed Manufacturers OZ9986/ Datasheet HTML 22Page - List of Unclassifed Manufacturers OZ9986/ Datasheet HTML 23Page - List of Unclassifed Manufacturers OZ9986/ Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 56 page
background image
20
OZ9998H
FEATURES
• High power DC/DC boost converter controller
• Drives up to 4 high power LED strings
• Optimized for high voltage drive output
• Integrated 90V transistors for LED current balance control circuit
• External PWM dimming control
• Up to 50kHz PWM dimming frequency; and 1000:1 PWM dimming ratio
• Supports single power train with multiple IC in parallel operation
• Power MOSFET over-current protection
• LED short circuit and open string protection
• LED return to ground short circuit protection
• Thermal protection
• LED fault status output
GENERAL DESCRIPTION
OZ9998H is a high efficiency, high power LED driver controller optimized for
large-size LCD Monitor and LCD TV applications. It is integrated with a high
voltage MOSFET driver and up to 90V rating current balance transistors. It
can drive up to four (4) strings of high power LEDs connected in parallel con-
figuration.
OZ9998H supports external Pulse Width Modulation (PWM) dimming control.
APPLICATIONS
APPLICATION DIAGRAM
• LCD Monitor
• LCD TV
U.S. Patent #’s 7,498,793; 7,847,783; and more patents pending.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com