Electronic Components Datasheet Search
  English  ▼

X  

OZ9986/ Datasheet(PDF) 43 Page - List of Unclassifed Manufacturers

Part # OZ9986/
Description  Intelligent Lighting Family
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

OZ9986/ Datasheet(HTML) 43 Page - List of Unclassifed Manufacturers

Back Button OZ9986/ Datasheet HTML 39Page - List of Unclassifed Manufacturers OZ9986/ Datasheet HTML 40Page - List of Unclassifed Manufacturers OZ9986/ Datasheet HTML 41Page - List of Unclassifed Manufacturers OZ9986/ Datasheet HTML 42Page - List of Unclassifed Manufacturers OZ9986/ Datasheet HTML 43Page - List of Unclassifed Manufacturers OZ9986/ Datasheet HTML 44Page - List of Unclassifed Manufacturers OZ9986/ Datasheet HTML 45Page - List of Unclassifed Manufacturers OZ9986/ Datasheet HTML 46Page - List of Unclassifed Manufacturers OZ9986/ Datasheet HTML 47Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 56 page
background image
43
OZ8022T
FEATURES
• Three-step analog dimming control using wall switch
• Supports high power factor and low THD for residential and commercial
lighting applications
• Quasi-resonant converter controller for high brightness LEDs
• Built-in high voltage start-up circuit
• Under-voltage lockout with hysteresis
• Minimum off-time control for light-load operation, maximizing efficiency
• Provides complete protection functions:
- Maximum gate drive output and clamp
- Over-voltage for IC bias voltage
- Cycle-by-cycle current limit
- LED short circuit; output over-voltage; and internal thermal
GENERAL DESCRIPTION
The OZ8022T is a controller for Buck converters that use quasi-resonant con-
version technology. It can be used to provide regulated current for high bright-
ness LEDs with power factor correction in offline applications.
OZ8022T provides proprietary Free Dimming technology to control LED bright-
ness using a non-dimming ON/OFF wall switch.
APPLICATIONS
APPLICATION DIAGRAM
• General Lighting
U.S. Patent #8,044,608; and more patents pending.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com