Electronic Components Datasheet Search
  English  ▼

X  

OZ9986/ Datasheet(PDF) 30 Page - List of Unclassifed Manufacturers

Part # OZ9986/
Description  Intelligent Lighting Family
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

OZ9986/ Datasheet(HTML) 30 Page - List of Unclassifed Manufacturers

Back Button OZ9986/ Datasheet HTML 26Page - List of Unclassifed Manufacturers OZ9986/ Datasheet HTML 27Page - List of Unclassifed Manufacturers OZ9986/ Datasheet HTML 28Page - List of Unclassifed Manufacturers OZ9986/ Datasheet HTML 29Page - List of Unclassifed Manufacturers OZ9986/ Datasheet HTML 30Page - List of Unclassifed Manufacturers OZ9986/ Datasheet HTML 31Page - List of Unclassifed Manufacturers OZ9986/ Datasheet HTML 32Page - List of Unclassifed Manufacturers OZ9986/ Datasheet HTML 33Page - List of Unclassifed Manufacturers OZ9986/ Datasheet HTML 34Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 56 page
background image
30
OZ9986/9986A
FEATURES
•
OZ9986: Boost and Buck converter
•
OZ9986A: Buck converter
• High efficiency DC/DC converter controller for LEDs
• Drives up to 6 strings in parallel; number of LEDs in series limited by
external MOSFET(s) rating
• High efficiency LED current balance function
• User-selectable, phase-shift PWM dimming function with 3, 4, 5 and
6 phases
• PWM dimming control signals synchronized with external signal
• Over-voltage and over-current protection
• Soft start function
GENERAL DESCRIPTION
OZ9986/86A are high efficiency, DC/DC controllers that drive up to six (6) strings
connected in parallel configuration, with multiple LEDs in each string connected
in series. Each is targeted for large-size monitor and TV applications.
Each IC provides six (6) LED current sense inputs in an “OR” configuration to
improve backlight reliability. This allows the backlight to remain functioning in
the event that any string (s) is damaged during normal operation.
OZ9986/86A support internal Pulse Width Modulation (PWM) dimming control,
where the PWM dimming signal is phase-shifted by 60 degrees per channel
when all 6 channels are connected. This proprietary feature significantly en-
hances the system performance.
APPLICATIONS
APPLICATION DIAGRAMS
• LCD Monitor
• LCD TV
U.S. Patent #’s 7,498,793; 7,847,783; 7,919,936; 8,248,439; and more patents pending.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com