Electronic Components Datasheet Search
  English  ▼

X  

OZ9986/ Datasheet(PDF) 48 Page - List of Unclassifed Manufacturers

Part # OZ9986/
Description  Intelligent Lighting Family
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

OZ9986/ Datasheet(HTML) 48 Page - List of Unclassifed Manufacturers

Back Button OZ9986/ Datasheet HTML 44Page - List of Unclassifed Manufacturers OZ9986/ Datasheet HTML 45Page - List of Unclassifed Manufacturers OZ9986/ Datasheet HTML 46Page - List of Unclassifed Manufacturers OZ9986/ Datasheet HTML 47Page - List of Unclassifed Manufacturers OZ9986/ Datasheet HTML 48Page - List of Unclassifed Manufacturers OZ9986/ Datasheet HTML 49Page - List of Unclassifed Manufacturers OZ9986/ Datasheet HTML 50Page - List of Unclassifed Manufacturers OZ9986/ Datasheet HTML 51Page - List of Unclassifed Manufacturers OZ9986/ Datasheet HTML 52Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 56 page
background image
48
U.S. Patent #8,044,608; and more patents pending.
OZ8023/8025
GENERAL DESCRIPTION
The
OZ8023 is a voltage-mode, quasi-resonant converter controller suitable for
offline AC/DC flyback converter applications. It can be used as a single-stage
power factor correction controller for an isolated power supply or LED driver
applications.
The
OZ8025 is a controller for an isolated LED driver application. It provides a
proprietary three-step Free Dimming technology to control LEDs using an ON/
OFF wall switch.
APPLICATIONS
APPLICATION DIAGRAM
• Isolated LED Driver
FEATURES – OZ8023
• Quasi-resonant converter
controller
• Built-in high voltage start-up
circuit
• Voltage-mode control simplifies
circuit design
• Under-voltage lockout with
hysteresis
• Minimum off-time control for
light-load operation, maximizing
efficiency
• Excellent line-voltage regulation
• Provides complete protection
functions:
- Clamped gate drive output
- Over-voltage for IC bias voltage
- Cycle-by-cycle current limit
- Output short circuit; over load;
output over-voltage; and
internal thermal
FEATURES – OZ8025
• Secondary side LED controller
• Three-step analog dimming
control using wall switch
• Low operating current
• Provides complete protection
functions:
- VDD over-voltage
- Output over-voltage
- Internal thermal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com