Electronic Components Datasheet Search
  English  ▼

X  

OZ9986/ Datasheet(PDF) 36 Page - List of Unclassifed Manufacturers

Part # OZ9986/
Description  Intelligent Lighting Family
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

OZ9986/ Datasheet(HTML) 36 Page - List of Unclassifed Manufacturers

Back Button OZ9986/ Datasheet HTML 32Page - List of Unclassifed Manufacturers OZ9986/ Datasheet HTML 33Page - List of Unclassifed Manufacturers OZ9986/ Datasheet HTML 34Page - List of Unclassifed Manufacturers OZ9986/ Datasheet HTML 35Page - List of Unclassifed Manufacturers OZ9986/ Datasheet HTML 36Page - List of Unclassifed Manufacturers OZ9986/ Datasheet HTML 37Page - List of Unclassifed Manufacturers OZ9986/ Datasheet HTML 38Page - List of Unclassifed Manufacturers OZ9986/ Datasheet HTML 39Page - List of Unclassifed Manufacturers OZ9986/ Datasheet HTML 40Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 56 page
background image
36
OZ526
FEATURES
• High frequency DC/DC power converter for LEDs
• Integrated power MOSFET
• Integrated LED current balance control circuit
• User-defined operation frequency
• Drives 1 or 2 strings
• External PWM and Analog dimming control
• Converter output over-voltage protection
• Internal power MOSFET over-current protection
• Over-current protection for each string
• Output short circuit detection
• Open diode and thermal protection
GENERAL DESCRIPTION
The OZ526 is a high efficiency DC/DC controller with an integrated power
MOSFET that drives one string or two LED strings in parallel configuration, with
multiple LEDs connected in series. It is targeted for netbook and PND (Personal
Navigation Device) backlight applications.
OZ526 provides two LED current sense inputs in an “OR” configuration for
improved backlight reliability. This allows the backlight to remain functioning in
the event that any string(s) is damaged during normal operation. The control-
ler receives an external Pulse Width Modulation (PWM) signal for the dimming
control function.
APPLICATIONS
APPLICATION DIAGRAM
• GPS
• PND
U.S. Patent #’s 7,498,793; 7,847,783; and more patents pending.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com