Electronic Components Datasheet Search
  English  ▼

X  

OZ9986/ Datasheet(PDF) 44 Page - List of Unclassifed Manufacturers

Part # OZ9986/
Description  Intelligent Lighting Family
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

OZ9986/ Datasheet(HTML) 44 Page - List of Unclassifed Manufacturers

Back Button OZ9986/ Datasheet HTML 40Page - List of Unclassifed Manufacturers OZ9986/ Datasheet HTML 41Page - List of Unclassifed Manufacturers OZ9986/ Datasheet HTML 42Page - List of Unclassifed Manufacturers OZ9986/ Datasheet HTML 43Page - List of Unclassifed Manufacturers OZ9986/ Datasheet HTML 44Page - List of Unclassifed Manufacturers OZ9986/ Datasheet HTML 45Page - List of Unclassifed Manufacturers OZ9986/ Datasheet HTML 46Page - List of Unclassifed Manufacturers OZ9986/ Datasheet HTML 47Page - List of Unclassifed Manufacturers OZ9986/ Datasheet HTML 48Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 56 page
background image
44
OZ8022V
FEATURES
• Quasi-resonant converter controller for high brightness LEDs
• Supports high power factor for LED lighting applications
• Low start-up and operating current, maximizing conversion efficiency
• Voltage-mode control simplifies circuit design
• Under-voltage lockout with hysteresis
• Minimum off-time control for light-load operation, maximizing efficiency
• Provides complete protection functions:
- Maximum gate drive output and clamp
- Over-voltage for IC bias voltage
- Cycle-by-cycle current limit
- LED short circuit; output over-voltage; and internal thermal
GENERAL DESCRIPTION
The OZ8022V is a controller for Buck converters that use quasi-resonant con-
version technology. It can be used to drive high brightness LEDs with power
factor correction in offline applications. The Buck converter operates between
the continuous and discontinuous modes of inductor current.
APPLICATIONS
APPLICATION DIAGRAM
• General Lighting
Patents pending.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com