Electronic Components Datasheet Search
  English  ▼

X  

OZ9986/ Datasheet(PDF) 31 Page - List of Unclassifed Manufacturers

Part # OZ9986/
Description  Intelligent Lighting Family
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

OZ9986/ Datasheet(HTML) 31 Page - List of Unclassifed Manufacturers

Back Button OZ9986/ Datasheet HTML 27Page - List of Unclassifed Manufacturers OZ9986/ Datasheet HTML 28Page - List of Unclassifed Manufacturers OZ9986/ Datasheet HTML 29Page - List of Unclassifed Manufacturers OZ9986/ Datasheet HTML 30Page - List of Unclassifed Manufacturers OZ9986/ Datasheet HTML 31Page - List of Unclassifed Manufacturers OZ9986/ Datasheet HTML 32Page - List of Unclassifed Manufacturers OZ9986/ Datasheet HTML 33Page - List of Unclassifed Manufacturers OZ9986/ Datasheet HTML 34Page - List of Unclassifed Manufacturers OZ9986/ Datasheet HTML 35Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 56 page
background image
31
OZ521
FEATURES
• Supports wide-range operating voltage
• Integrated with a 50V/2A power MOSFET
• Supports an optional spread-spectrum switching frequency
• In applications:
- Supports either constant-voltage or constant-current output
- Protection includes: output over-voltage, power MOSFET over-current,
over-temperature, and open rectifier diode
- Low standby current
GENERAL DESCRIPTION
OZ521 is a boost converter controller suitable for LED lighting or general pur-
pose DC/DC converter applications.
It integrates a 50V/2A MOSFET as the switch and compensation components
for the boost converter to optimize the cost/performance of applications. In ap-
plications, the operating frequency is user-selectable.
APPLICATIONS
APPLICATION DIAGRAM
• LED Lighting
• Tablet
• Cell Phone
Patents pending.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com