Electronic Components Datasheet Search
  English  ▼

X  

OZ9986/ Datasheet(PDF) 38 Page - List of Unclassifed Manufacturers

Part # OZ9986/
Description  Intelligent Lighting Family
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

OZ9986/ Datasheet(HTML) 38 Page - List of Unclassifed Manufacturers

Back Button OZ9986/ Datasheet HTML 34Page - List of Unclassifed Manufacturers OZ9986/ Datasheet HTML 35Page - List of Unclassifed Manufacturers OZ9986/ Datasheet HTML 36Page - List of Unclassifed Manufacturers OZ9986/ Datasheet HTML 37Page - List of Unclassifed Manufacturers OZ9986/ Datasheet HTML 38Page - List of Unclassifed Manufacturers OZ9986/ Datasheet HTML 39Page - List of Unclassifed Manufacturers OZ9986/ Datasheet HTML 40Page - List of Unclassifed Manufacturers OZ9986/ Datasheet HTML 41Page - List of Unclassifed Manufacturers OZ9986/ Datasheet HTML 42Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 56 page
background image
38
Patents pending.
OZ528
GENERAL DESCRIPTION
The OZ528 is a LCD panel bias power supply controller, suitable for GPS ap-
plication. It generates four voltage rails for a TFT LCD panel. It includes a boost
converter to provide the source voltage, buck converter to provide the logic
voltage for the system, boost converter for positive gate voltage and a negative
charge-pump driver to provide adjustable regulated output voltages to bias the
TFT panel.
OZ528 has power-on sequencing. The buck converter is the first to start after
the IC is enabled. Two boost converters and a negative charge-pump are en-
abled when their corresponding TIMER reaches approximately 2.0V.
APPLICATIONS
APPLICATION DIAGRAM
• GPS
FEATURES
• High power DC/DC power
converter
• Operation frequency
synchronization
• Optional spread spectrum
operation frequency
• Thermal, over-current, and over
load protection
• Abnormal pulled-up output
protection
• LED fault status output
Buck Converter
• Integrated power MOSFET
• Current mode control
• Soft start function
Two Independent Boost
Converters
• Integrated power MOSFET
• Current mode control
• Wide output range: up to 25.0V
• Adjustable power on/off delay time
• Soft start function
Negative Charge Pump
• Voltage mode control
• Adjustable power on/off delay time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com