Electronic Components Datasheet Search
  English  ▼

X  

OZ9986/ Datasheet(PDF) 52 Page - List of Unclassifed Manufacturers

Part # OZ9986/
Description  Intelligent Lighting Family
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

OZ9986/ Datasheet(HTML) 52 Page - List of Unclassifed Manufacturers

Back Button OZ9986/ Datasheet HTML 48Page - List of Unclassifed Manufacturers OZ9986/ Datasheet HTML 49Page - List of Unclassifed Manufacturers OZ9986/ Datasheet HTML 50Page - List of Unclassifed Manufacturers OZ9986/ Datasheet HTML 51Page - List of Unclassifed Manufacturers OZ9986/ Datasheet HTML 52Page - List of Unclassifed Manufacturers OZ9986/ Datasheet HTML 53Page - List of Unclassifed Manufacturers OZ9986/ Datasheet HTML 54Page - List of Unclassifed Manufacturers OZ9986/ Datasheet HTML 55Page - List of Unclassifed Manufacturers OZ9986/ Datasheet HTML 56Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 52 / 56 page
background image
52
OZ531
FEATURES
• Current mode PWM Controller
• Built-in high voltage (500V) start-up circuit
• Low standby power meets Energy Star® specification
• Current mode control with frequency fold back under light-load condition
• Built-in synchronized slope compensation
• Drive current up to 500mA
• Leading-edge blanking at current sense
• Protection features:
- Under-voltage lockout
- Clamped gate output voltage at 18V
- VDD over-voltage
- Cycle-by-cycle current limiting
- Output over-current; short circuit; and thermal protection
GENERAL DESCRIPTION
The OZ531 is a highly integrated current mode Pulse Width Modulation (PWM)
controller that is ideal for offline AC/DC flyback converter applications.
The controller operates at a fixed frequency of 67kHz. With a built-in high
voltage start-up circuit, OZ531 eliminates the power loss caused by start-up
resistors. The driver outputs a soft-drive signal which reduces electromagnetic
interference in the converter system.
APPLICATIONS
APPLICATION DIAGRAM
• Battery Charger
• AC/DC Power Adapter
Patents pending.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com