Electronic Components Datasheet Search
  English  ▼

X  

AXP288 Datasheet(PDF) 54 Page - Shenzhen X-Powers Technology Co ., Ltd

Part # AXP288
Description  PMIC Optimized For Multi-Core High-Performance System
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPOWER [Shenzhen X-Powers Technology Co ., Ltd]
Direct Link  http://www.x-powers.com/en.php/Index/index
Logo XPOWER - Shenzhen X-Powers Technology Co ., Ltd

AXP288 Datasheet(HTML) 54 Page - Shenzhen X-Powers Technology Co ., Ltd

Back Button AXP288 Datasheet HTML 50Page - Shenzhen X-Powers Technology Co ., Ltd AXP288 Datasheet HTML 51Page - Shenzhen X-Powers Technology Co ., Ltd AXP288 Datasheet HTML 52Page - Shenzhen X-Powers Technology Co ., Ltd AXP288 Datasheet HTML 53Page - Shenzhen X-Powers Technology Co ., Ltd AXP288 Datasheet HTML 54Page - Shenzhen X-Powers Technology Co ., Ltd AXP288 Datasheet HTML 55Page - Shenzhen X-Powers Technology Co ., Ltd AXP288 Datasheet HTML 56Page - Shenzhen X-Powers Technology Co ., Ltd AXP288 Datasheet HTML 57Page - Shenzhen X-Powers Technology Co ., Ltd AXP288 Datasheet HTML 58Page - Shenzhen X-Powers Technology Co ., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 110 page
background image
AXP288
PMIC Optimized For Multi-Core High-Performance System
AXP288 Datasheet V1.06
Copyright © 2014 X-Powers Limited. All Rights Reserved.
54
Table below is the example by using 10K NTC from Murata (NCP15XH103F03R).
Table 9-40
Temperature
(˚C)
R_NTC (Ω)
TS Pin Voltage (V)
12 bits ADC output code
REG 58H[7:0]
REG 59H[3:0]
-10
40260
3.221
FBH
AH
0
26490
2.119
A5H
8H
25
10
000
0.800
3EH
8H
40
5840
0.467
24H
7H
45
4924
0.394
1EH
CH
55
3550
0.284
16H
3H
There are 2 battery over temperature (OTP) and 2 under temperature (UTP) thresholds can be set to protect the battery
by either controlling the charger or shutdown the system. The first level OTP & UTP thresholds are programmed by REG 38H &
REG 39H. The second level OTP & UTP threshold are programmed by REG 3CH & REG 3DH. When battery temperature is higher
or lower than the first level OTP or UTP threshold, IRQ is asserted, charger will stop charging and REG 01H[6] change to 0 to
reflect the status. When battery temperature is higher or lower than the second level OTP or UTP threshold, IRQ is asserted.
System may or may not shutdown subject to SW decision. There is a hysteresis of 460.8 mV(refer to TS pin voltage) for UTP
threshold, and there is a hysteresis of 57.6 mV for OTP threshold. Every time when the battery temperature comes out from
first level over or under temperature, IRQ is asserted. Charger restores the original charging state and REG 01H[6] change to 1.
In normal case, first level of OTP & UTP thresholds should be set within the second level OTP & UTP thresholds.
Using TS pin current source and obtain TS pin data of the following table:
Table 9-41
Usage condition
setting
Key point
Don’t need temperature protection
TS = GND , REG 84H[1:0] = 00 ,
(
default 00),REG84H[2] = 1
TS work as GPADC
Temperature protection when in charger
REG 84H[1:0] = 01
Current source on when
charging
Temperature protection when in charging and
discharging
REG 84H[1:0] = 10
TS for GPADC or GPIO
REG 84H[1:0] = 11 when need current
source
REG 84H[1:0] = 00 when not need
current source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com