Electronic Components Datasheet Search
  English  ▼

X  

AXP288 Datasheet(PDF) 76 Page - Shenzhen X-Powers Technology Co ., Ltd

Part # AXP288
Description  PMIC Optimized For Multi-Core High-Performance System
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPOWER [Shenzhen X-Powers Technology Co ., Ltd]
Direct Link  http://www.x-powers.com/en.php/Index/index
Logo XPOWER - Shenzhen X-Powers Technology Co ., Ltd

AXP288 Datasheet(HTML) 76 Page - Shenzhen X-Powers Technology Co ., Ltd

Back Button AXP288 Datasheet HTML 72Page - Shenzhen X-Powers Technology Co ., Ltd AXP288 Datasheet HTML 73Page - Shenzhen X-Powers Technology Co ., Ltd AXP288 Datasheet HTML 74Page - Shenzhen X-Powers Technology Co ., Ltd AXP288 Datasheet HTML 75Page - Shenzhen X-Powers Technology Co ., Ltd AXP288 Datasheet HTML 76Page - Shenzhen X-Powers Technology Co ., Ltd AXP288 Datasheet HTML 77Page - Shenzhen X-Powers Technology Co ., Ltd AXP288 Datasheet HTML 78Page - Shenzhen X-Powers Technology Co ., Ltd AXP288 Datasheet HTML 79Page - Shenzhen X-Powers Technology Co ., Ltd AXP288 Datasheet HTML 80Page - Shenzhen X-Powers Technology Co ., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 110 page
background image
AXP288
PMIC Optimized For Multi-Core High-Performance System
AXP288 Datasheet V1.06
Copyright © 2014 X-Powers Limited. All Rights Reserved.
76
stop the unconfig DBP clause.
6
Dead battery detect enable bit (Reset: power on reset)
0:disable
1:enable
RW
1
5
Reserved
4
USB_Mode
USB Speed Mode Flag
This bit is used in good battery state. It is set by the USB driver to indicate the USB speed mode for
the power manage.
0: High-Speed, Full-Speed or Low-Speed Mode
1: Super-Speed Mode
RW
0
3-0
Dev_Bus_State
Device Bus State Flag
These fields are used in good battery state. They are set by the USB driver to indicate the USB bus
state for the power manage.
000b: attached, physical signal pin contact
001b: connected, attached and when the downstream terminal is valid
010b: suspended
011b: configured
100b-111b: reserved
RW
0
REG 2FH: BC Detect Status Register
Default:20H
Reset: Reset by the VBUS negedge
Table 10-33
Bit
Description
R/W
Default
7-5
BC_Result
BC Detect Result
These fields indicate the result of BC Detect performance. These fields should be used by the BC
Module when the BC_Per bit of the BC_GLOBAL_R register transaction from 1 to 0.
Value
Meaning
Descriptor
000b
Reserved
/
001b
SDP
The insert port is Standard Downstream Port
010b
CDP
The insert port is Charging Downstream Port
011b
DCP
The insert port is Dedicated Charging Port
100b
Reserved
/
R
001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com