Electronic Components Datasheet Search
  English  ▼

X  

AXP288 Datasheet(PDF) 38 Page - Shenzhen X-Powers Technology Co ., Ltd

Part # AXP288
Description  PMIC Optimized For Multi-Core High-Performance System
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPOWER [Shenzhen X-Powers Technology Co ., Ltd]
Direct Link  http://www.x-powers.com/en.php/Index/index
Logo XPOWER - Shenzhen X-Powers Technology Co ., Ltd

AXP288 Datasheet(HTML) 38 Page - Shenzhen X-Powers Technology Co ., Ltd

Back Button AXP288 Datasheet HTML 34Page - Shenzhen X-Powers Technology Co ., Ltd AXP288 Datasheet HTML 35Page - Shenzhen X-Powers Technology Co ., Ltd AXP288 Datasheet HTML 36Page - Shenzhen X-Powers Technology Co ., Ltd AXP288 Datasheet HTML 37Page - Shenzhen X-Powers Technology Co ., Ltd AXP288 Datasheet HTML 38Page - Shenzhen X-Powers Technology Co ., Ltd AXP288 Datasheet HTML 39Page - Shenzhen X-Powers Technology Co ., Ltd AXP288 Datasheet HTML 40Page - Shenzhen X-Powers Technology Co ., Ltd AXP288 Datasheet HTML 41Page - Shenzhen X-Powers Technology Co ., Ltd AXP288 Datasheet HTML 42Page - Shenzhen X-Powers Technology Co ., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 110 page
background image
AXP288
PMIC Optimized For Multi-Core High-Performance System
AXP288 Datasheet V1.06
Copyright © 2014 X-Powers Limited. All Rights Reserved.
38
BYT SoC initiated global reset
PLTRST_B
SLP_S0IX_B
COREPWROK
VCCAPWROK
Buck2 - V1P0SX
LDO1 - V1P2SX
Non-default on
rails
LDO6 - eMMC
Signals from SoC
Buck1 - VCC
T0
0
Power up triggered based on
SLP_S0IX_B signal rising edge
T1
SUSPWRDNACK
Figure 9-13
Note:
•
Power down and power up timing follow cold off and cold boot timing
•
Rail power up sequencing will wait until SLP_S0IX_B signal goes high to begin the sequence
•
If SLP_S0IX_B signal goes high before power down sequence completes, power down sequence should complete before power up begins
•
PLTRST_B to SLP_S0IX_B delay could be zero
Table 9-12
Parameter
Description
Min
Typical
Max
Units
T0
Time that the SLP_S0IX_B signal stays
low
0.1
No max
ms
T1
Time for which rails stay down before
power up sequence begins
50
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com