Electronic Components Datasheet Search
  English  ▼

X  

AXP288 Datasheet(PDF) 72 Page - Shenzhen X-Powers Technology Co ., Ltd

Part # AXP288
Description  PMIC Optimized For Multi-Core High-Performance System
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPOWER [Shenzhen X-Powers Technology Co ., Ltd]
Direct Link  http://www.x-powers.com/en.php/Index/index
Logo XPOWER - Shenzhen X-Powers Technology Co ., Ltd

AXP288 Datasheet(HTML) 72 Page - Shenzhen X-Powers Technology Co ., Ltd

Back Button AXP288 Datasheet HTML 68Page - Shenzhen X-Powers Technology Co ., Ltd AXP288 Datasheet HTML 69Page - Shenzhen X-Powers Technology Co ., Ltd AXP288 Datasheet HTML 70Page - Shenzhen X-Powers Technology Co ., Ltd AXP288 Datasheet HTML 71Page - Shenzhen X-Powers Technology Co ., Ltd AXP288 Datasheet HTML 72Page - Shenzhen X-Powers Technology Co ., Ltd AXP288 Datasheet HTML 73Page - Shenzhen X-Powers Technology Co ., Ltd AXP288 Datasheet HTML 74Page - Shenzhen X-Powers Technology Co ., Ltd AXP288 Datasheet HTML 75Page - Shenzhen X-Powers Technology Co ., Ltd AXP288 Datasheet HTML 76Page - Shenzhen X-Powers Technology Co ., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 110 page
background image
AXP288
PMIC Optimized For Multi-Core High-Performance System
AXP288 Datasheet V1.06
Copyright © 2014 X-Powers Limited. All Rights Reserved.
72
6-0
voltage setting Bit 6-0, default is 1.0V
0.60-1.10V:10mV/step
1.12-1.52V:20mV/step
RW
28H
REG 26H: BUCK2 voltage control
Default:A8H
Reset: System reset
Table 10-25
Bit
Description
R/W
Default
7
DVM finished or not status bit
0: not finished
1: finished
R
1
6-0
voltage setting Bit 6-0, default is 1.0V
0.60-1.10V:10mV/step
1.12-1.52V:20mV/step
RW
28H
REG 27H: BUCK1 /2 /3 /4 /5 DVM control
Default:XCH
Reset: System reset
Table 10-26
Bit
Description
R/W
Default
7
BUCK2 DVM on-off control
0: disable; 1: enable
RW
1
6
BUCK3 DVM on-off control
0: disable; 1: enable
RW
1
5
BUCK4 DVM on-off control
0: disable; 1: enable
RW
1
4
BUCK1 DVM on-off control
0: disable; 1: enable
RW
1
3
Reserved
2
BUCK5 DVM on-off control
0: disable; 1: enable
RW
1
1
RSMRST_B drive low when ALDO3 less than 85% or not control
0: not drive low; 1: drive low
RW
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com